Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CANFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F2136CANFP
Description  RENESAS MCU
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CANFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F2136CANFP Datasheet HTML 6Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 7Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 8Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 9Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 10Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 11Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 12Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 13Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
R8C/36A Group
1. Overview
REJ03B0265-0110 Rev.1.10 Sep 28, 2009
Page 10 of 55
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
I: Input
O: Output
I/O: Input and output
Table 1.7
Pin Functions (2)
Item
Pin Name
I/O Type
Description
SSU
SSI
I/O
Data I/O pin.
SCS
I/O
Chip-select signal I/O pin.
SSCK
I/O
Clock I/O pin.
SSO
I/O
Data I/O pin.
I2C bus
SCL
I/O
Clock I/O pin
SDA
I/O
Data I/O pin
Reference voltage
input
VREF
I
Reference voltage input pin to A/D converter.
A/D converter
AN0 to AN11
I
Analog input pins to A/D converter.
ADTRG
I
AD external trigger input pin.
D/A converter
DA0, DA1
O
D/A converter output pins.
Comparator A
LVCMP1, LVCMP2
I
Comparator A analog voltage input pins.
LVREF
I
Comparator A reference voltage input pin.
LVCOUT1,
LVCOUT2
O
Comparator A output pins.
Comparator B
IVCMP1, IVCMP3
I
Comparator B analog voltage input pins.
IVREF1, IVREF3
I
Comparator B reference voltage input pins.
Voltage detection
circuit
LVCMP2
I
Detection voltage input pin for voltage detection 2.
I/O port
P0_0 to P0_7,
P1_0 to P1_7,
P2_0 to P2_7,
P3_0 to P3_7,
P4_3 to P4_7,
P5_0 to P5_4,
P5_6, P5_7,
P6_0 to P6_7,
P8_0 to P8_6
I/O
CMOS I/O ports. Each port has an I/O select direction
register, allowing each pin in the port to be directed for input
or output individually.
Any port set to input can be set to use a pull-up resistor or not
by a program.
Input port
P4_2
I
Input-only ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com