Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CANFP Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # R5F2136CANFP
Description  RENESAS MCU
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CANFP Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button R5F2136CANFP Datasheet HTML 41Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 42Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 43Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 44Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 45Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 46Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 47Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 48Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
R8C/36A Group
5. Electrical Characteristics
REJ03B0265-0110 Rev.1.10 Sep 28, 2009
Page 45 of 55
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
i = 0 to 2
Figure 5.11
Serial Interface Timing Diagram when VCC = 5 V
Notes:
1. When selecting the digital filter by the INTi input filter select bit, use an INTi input HIGH width of either (1/digital filter clock
frequency × 3) or the minimum value of standard, whichever is greater.
2. When selecting the digital filter by the INTi input filter select bit, use an INTi input LOW width of either (1/digital filter clock
frequency × 3) or the minimum value of standard, whichever is greater.
Figure 5.12
Input Timing Diagram for External Interrupt INTi and Key Input Interrupt KIi
when VCC = 5 V
Table 5.22
Serial Interface
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(CK)
CLKi input cycle time
200
—
ns
tW(CKH)
CLKi input “H” width
100
—
ns
tW(CKL)
CLKi input “L” width
100
—
ns
td(C-Q)
TXDi output delay time
—
70
ns
th(C-Q)
TXDi hold time
0—
ns
tsu(D-C)
RXDi input setup time
50
—
ns
th(C-D)
RXDi input hold time
90
—
ns
Table 5.23
External Interrupt INTi (i = 0 to 4) Input, Key Input Interrupt KIi (i = 0 to 3)
Symbol
Parameter
Standard
Unit
Min.
Max.
tW(INH)
INTi input “H” width, KIi input “H” width
250 (1)
—ns
tW(INL)
INTi input “L” width, KIi input “L” width
250 (2)
—ns
tW(CKH)
tC(CK)
tW(CKL)
th(C-Q)
th(C-D)
tsu(D-C)
td(C-Q)
CLKi
TXDi
RXDi
i = 0 to 2
VCC = 5 V
INTi input
(i = 0 to 4)
tW(INL)
tW(INH)
VCC = 5 V
KIi input
(i = 0 to 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com