Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CANFP Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # R5F2136CANFP
Description  RENESAS MCU
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CANFP Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button R5F2136CANFP Datasheet HTML 42Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 43Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 44Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 45Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 46Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 47Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 48Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 49Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
R8C/36A Group
5. Electrical Characteristics
REJ03B0265-0110 Rev.1.10 Sep 28, 2009
Page 46 of 55
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Note:
1. 2.7 V
≤ VCC < 4.2 V, Topr = −20 to 85°C (N version), and f(XIN) = 10 MHz, unless otherwise specified.
Table 5.24
Electrical Characteristics (3) [2.7 V
≤ VCC < 4.2 V]
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
VOH
Output “H” voltage
Drive capacity High IOH =
−5 mA VCC − 0.5
—
VCC
V
Drive capacity Low
IOH =
−1 mA VCC − 0.5
—
VCC
V
VOL
Output “L” voltage
Drive capacity High IOL = 5 mA
—
—
0.5
V
Drive capacity Low
IOL = 1 mA
—
—
0.5
V
VT+-VT-
Hysteresis
INT0, INT1, INT2,
INT3, INT4,
KI0, KI1, KI2, KI3,
TRAIO, TRBO,
TRCIOA, TRCIOB,
TRCIOC, TRCIOD,
TRDIOA0, TRDIOB0,
TRDIOC0, TRDIOD0,
TRDIOA1, TRDIOB1,
TRDIOC1, TRDIOD1,
TRCTRG, TRCCLK,
TRFI, TRGIOA,
TRGIOB, ADTRG,
RXD0, RXD1, RXD2,
CLK0, CLK1, CLK2,
SSI, SCL, SDA, SSO
VCC = 3.0 V
0.1
0.4
—
V
RESET
VCC = 3.0 V
0.1
0.5
—
V
IIH
Input “H” current
VI = 3 V, VCC = 3.0 V
—
—
4.0
µA
IIL
Input “L” current
VI = 0 V, VCC = 3.0 V
—
—
−4.0
µA
RPULLUP
Pull-up resistance
VI = 0 V, VCC = 3.0 V
42
84
168
k
Ω
RfXIN
Feedback
resistance
XIN
—
0.3
—
M
Ω
RfXCIN
Feedback
resistance
XCIN
—
8
—
M
Ω
VRAM
RAM hold voltage
During stop mode
1.8
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com