Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CANFP Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # R5F2136CANFP
Description  RENESAS MCU
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CANFP Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button R5F2136CANFP Datasheet HTML 49Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 50Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 51Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 52Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 53Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 54Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 55Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 56Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 57Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 55 / 57 page
background image
R8C/36A Group
Package Dimensions
REJ03B0265-0110 Rev.1.10 Sep 28, 2009
Page 55 of 55
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Terminal cross section
b1
bp
2.
1.
DIMENSIONS "*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "*3" DOES NOT
INCLUDE TRIM OFFSET.
*3
116
17
32
33
48
49
64
F
*1
x
y
Index mark
D
HD
e
bp
ZD
Detail F
L
L1
Previous Code
JEITA Package Code
RENESAS Code
PLQP0064GA-A
64P6U-A
MASS[Typ.]
0.7g
P-LQFP64-14x14-0.80
1.0
0.125
0.35
1.0
1.0
0.20
0.20
0.145
0.09
0.42
0.37
0.32
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
14.1
14.0
13.9
D
14.1
14.0
13.9
E
1.4
A2
16.2
16.0
15.8
16.2
16.0
15.8
1.7
A
0.2
0.1
0
0.7
0.5
0.3
L
x
8°
0°
c
0.8
e
0.10
y
HD
HE
A1
bp
b1
c1
ZD
ZE
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com