Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CANFP Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # R5F2136CANFP
Description  RENESAS MCU
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CANFP Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button R5F2136CANFP Datasheet HTML 16Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 17Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 18Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 19Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 20Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 21Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 22Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 23Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
R8C/36A Group
4. Special Function Registers (SFRs)
REJ03B0265-0110 Rev.1.10 Sep 28, 2009
Page 20 of 55
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Table 4.6
SFR Information (6) (1)
X: Undefined
Note:
1. The blank areas are reserved and cannot be accessed by users.
Address
Register
Symbol
After Reset
0140h
Timer RD Control Register 0
TRDCR0
00h
0141h
Timer RD I/O Control Register A0
TRDIORA0
10001000b
0142h
Timer RD I/O Control Register C0
TRDIORC0
10001000b
0143h
Timer RD Status Register 0
TRDSR0
11100000b
0144h
Timer RD Interrupt Enable Register 0
TRDIER0
11100000b
0145h
Timer RD PWM Mode Output Level Control Register 0
TRDPOCR0
11111000b
0146h
Timer RD Counter 0
TRD0
00h
00h
0147h
0148h
Timer RD General Register A0
TRDGRA0
FFh
FFh
0149h
014Ah
Timer RD General Register B0
TRDGRB0
FFh
FFh
014Bh
014Ch
Timer RD General Register C0
TRDGRC0
FFh
FFh
014Dh
014Eh
Timer RD General Register D0
TRDGRD0
FFh
FFh
014Fh
0150h
Timer RD Control Register 1
TRDCR1
00h
0151h
Timer RD I/O Control Register A1
TRDIORA1
10001000b
0152h
Timer RD I/O Control Register C1
TRDIORC1
10001000b
0153h
Timer RD Status Register 1
TRDSR1
11000000b
0154h
Timer RD Interrupt Enable Register 1
TRDIER1
11100000b
0155h
Timer RD PWM Mode Output Level Control Register 1
TRDPOCR1
11111000b
0156h
Timer RD Counter 1
TRD1
00h
00h
0157h
0158h
Timer RD General Register A1
TRDGRA1
FFh
FFh
0159h
015Ah
Timer RD General Register B1
TRDGRB1
FFh
FFh
015Bh
015Ch
Timer RD General Register C1
TRDGRC1
FFh
FFh
015Dh
015Eh
Timer RD General Register D1
TRDGRD1
FFh
FFh
015Fh
0160h
UART1 Transmit/Receive Mode Register
U1MR
00h
0161h
UART1 Bit Rate Register
U1BRG
XXh
0162h
UART1 Transmit Buffer Register
U1TB
XXh
XXh
0163h
0164h
UART1 Transmit/Receive Control Register 0
U1C0
00001000b
0165h
UART1 Transmit/Receive Control Register 1
U1C1
00000010b
0166h
UART1 Receive Buffer Register
U1RB
XXh
XXh
0167h
0168h
0169h
016Ah
016Bh
016Ch
016Dh
016Eh
016Fh
0170h
Timer RG Mode Register
TRGMR
01000000b
0171h
Timer RG Count Control Register
TRGCNTC
00h
0172h
Timer RG Control Register
TRGCR
10000000b
0173h
Timer RG Interrupt Enable Register
TRGIER
11110000b
0174h
Timer RG Status Register
TRGSR
11100000b
0175h
Timer RG I/O Control Register
TRGIOR
00h
0176h
Timer RG Counter
TRG
00h
00h
0177h
0178h
Timer RG General Register A
TRGGRA
FFh
FFh
0179h
017Ah
Timer RG General Register B
TRGGRB
FFh
FFh
017Bh
017Ch
Timer RG General Register C
TRGGRC
FFh
FFh
017Dh
017Eh
Timer RG General Register D
TRGGRD
FFh
FFh
017Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com