Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CANFP Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # R5F2136CANFP
Description  RENESAS MCU
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CANFP Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button R5F2136CANFP Datasheet HTML 27Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 28Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 29Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 30Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 31Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 32Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 33Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 34Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
R8C/36A Group
5. Electrical Characteristics
REJ03B0265-0110 Rev.1.10 Sep 28, 2009
Page 31 of 55
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Notes:
1. VCC/AVCC = Vref = 2.7 to 5.5 V and Topr =
−20 to 85°C (N version), unless otherwise specified.
2. This applies when one D/A converter is used and the value of the DAi register (i = 0 or 1) for the unused D/A converter is 00h.
The resistor ladder of the A/D converter is not included.
Notes:
1. VCC = 2.7 to 5.5 V and Topr =
−20 to 85°C (N version), unless otherwise specified.
2. When the digital filter is disabled.
Notes:
1. VCC = 2.7 to 5.5 V and Topr =
−20 to 85°C (N version), unless otherwise specified.
2. When the digital filter is disabled.
Table 5.4
D/A Converter Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
—
Resolution
——
8
Bit
—
Absolute accuracy
—
—
2.5
LSB
tsu
Setup time
——
3
µs
RO
Output resistor
—6—
k
Ω
IVref
Reference power input current
(Note 2)
—
—
1.5
mA
Table 5.5
Comparator A Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
LVREF
External reference voltage input range
1.4
—
VCC
V
LVCMP1,
LVCMP2
External comparison voltage input range
−0.3
—
VCC + 0.3
V
—
Offset
—
50
200
mV
—
Comparator output delay time (2)
At falling, VI = Vref
− 100 mV
—
3
—
µs
At falling, VI = Vref
− 1 V or below
—
1.5
—
µs
At rising, VI = Vref + 100 mV
—
2
—
µs
At rising, VI = Vref + 1 V or above
—
0.5
—
µs
—
Comparator operating current
VCC = 5.0 V
—
0.5
—
µA
Table 5.6
Comparator B Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vref
IVREF1, IVREF3 input reference voltage
0
—
VCC
− 1.4
V
VI
IVCMP1, IVCMP3 input voltage
−0.3
—
VCC + 0.3
V
—
Offset
—
5
100
mV
td
Comparator output delay time (2)
VI = Vref ± 100 mV
—
0.1
—
µs
ICMP
Comparator operating current
VCC = 5.0 V
—
17.5
—
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com