Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CANFP Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # R5F2136CANFP
Description  RENESAS MCU
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CANFP Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button R5F2136CANFP Datasheet HTML 14Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 15Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 16Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 17Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 18Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 19Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 20Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 21Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
R8C/36A Group
4. Special Function Registers (SFRs)
REJ03B0265-0110 Rev.1.10 Sep 28, 2009
Page 18 of 55
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Table 4.4
SFR Information (4) (1)
X: Undefined
Note:
1. The blank areas are reserved and cannot be accessed by users.
Address
Register
Symbol
After Reset
00C0h
A/D Register 0
AD0
XXh
000000XXb
00C1h
00C2h
A/D Register 1
AD1
XXh
000000XXb
00C3h
00C4h
A/D Register 2
AD2
XXh
000000XXb
00C5h
00C6h
A/D Register 3
AD3
XXh
000000XXb
00C7h
00C8h
A/D Register 4
AD4
XXh
000000XXb
00C9h
00CAh
A/D Register 5
AD5
XXh
000000XXb
00CBh
00CCh
A/D Register 6
AD6
XXh
000000XXb
00CDh
00CEh
A/D Register 7
AD7
XXh
000000XXb
00CFh
00D0h
00D1h
00D2h
00D3h
00D4h
A/D Mode Register
ADMOD
00h
00D5h
A/D Input Select Register
ADINSEL
11000000b
00D6h
A/D Control Register 0
ADCON0
00h
00D7h
A/D Control Register 1
ADCON1
00h
00D8h
D/A0 Register
DA0
00h
00D9h
D/A1 Register
DA1
00h
00DAh
00DBh
00DCh
D/A Control Register
DACON
00h
00DDh
00DEh
00DFh
00E0h
Port P0 Register
P0
XXh
00E1h
Port P1 Register
P1
XXh
00E2h
Port P0 Direction Register
PD0
00h
00E3h
Port P1 Direction Register
PD1
00h
00E4h
Port P2 Register
P2
XXh
00E5h
Port P3 Register
P3
XXh
00E6h
Port P2 Direction Register
PD2
00h
00E7h
Port P3 Direction Register
PD3
00h
00E8h
Port P4 Register
P4
XXh
00E9h
Port P5 Register
P5
XXh
00EAh
Port P4 Direction Register
PD4
00h
00EBh
Port P5 Direction Register
PD5
00h
00ECh
Port P6 Register
P6
XXh
00EDh
00EEh
Port P6 Direction Register
PD6
00h
00EFh
00F0h
Port P8 Register
P8
XXh
00F1h
00F2h
Port P8 Direction Register
PD8
00h
00F3h
00F4h
00F5h
00F6h
00F7h
00F8h
00F9h
00FAh
00FBh
00FCh
00FDh
00FEh
00FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com