Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A-MU Datasheet(PDF) 63 Page - ATMEL Corporation

Part # ATtiny261A-MU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A-MU Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button ATtiny261A-MU Datasheet HTML 59Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 60Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 61Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 62Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 63Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 64Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 65Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 66Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 292 page
background image
63
8197A–AVR–10/09
ATtiny261A/461A/861A
Table 10-4 and Table 10-5 relate the alternate functions of Port A to the overriding signals
shown in Figure 10-5 on page 59.
Table 10-4.
Overriding Signals for Alternate Functions in PA7:PA4
Signal
Name
PA7/ADC6/AIN0/
PCINT7
PA6/ADC5/AIN1/
PCINT6
PA5/ADC4/AIN2/
PCINT5
PA4/ADC3/ICP0/
PCINT4
PUOE
0000
PUOV
0000
DDOE
0000
DDOV
0000
PVOE
0000
PVOV
0000
PTOE
0000
DIEOE
PCINT7 • PCIE +
ADC6D
PCINT6 • PCIE +
ADC5D
PCINT5 • PCIE +
ADC4D
PCINT4 • PCIE +
ADC3D
DIEOV
ADC6D
ADC5D
ADC4D
ADC3D
DI
PCINT7
PCINT6
PCINT5
ICP0/PCINT4
AIO
ADC6, AIN0
ADC5, AIN1
ADC4, AIN2
ADC3
Table 10-5.
Overriding Signals for Alternate Functions in PA3:PA0
Signal
Name
PA3/AREF/
PCINT3
PA2/ADC2/INT1/
USCK/SCL/PCINT2
PA1/ADC1/DO/
PCINT1
PA0/ADC0/DI/SDA/
PCINT0
PUOE
0
0
0
0
PUOV
0
0
0
0
DDOE
0
USI_TWO_WIRE •
USIPOS
0
USI_TWO_WIRE •
USIPOS
DDOV
0
(USI_SCL_HOLD +
PORTB2) • DDB2 •
USIPOS
0
(SDA + PORTB0) •
DDRB0 • USIPOS
PVOE
0
USI_TWO_WIRE •
DDRB2
USI_THREE_WI
RE • USIPOS
USI_TWO_WIRE •
DDRB0 • USIPOS
PVOV
0
0
DO • USIPOS
0
PTOE
0
USI_PTOE • USIPOS
0
0
DIEOE
PCINT3 •
PCIE
PCINT2 • PCIE + INT1 +
ADC2D + USISIE •
USIPOS
PCINT1 • PCIE +
ADC1D
PCINT0 • PCIE +
ADC0D + USISIE •
USIPOS
DIEOV
0
ADC2D
ADC1D
ADC0D
DI
PCINT3
USCK/SCL/INT1/ PCINT2
PCINT1
DI/SDA/PCINT0
AIO
AREF
ADC2
ADC1
ADC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com