Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A-MU Datasheet(PDF) 64 Page - ATMEL Corporation

Part # ATtiny261A-MU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A-MU Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button ATtiny261A-MU Datasheet HTML 60Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 61Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 62Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 63Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 64Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 65Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 66Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 67Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 292 page
background image
64
8197A–AVR–10/09
ATtiny261A/461A/861A
10.2.2
Alternate Functions of Port B
The Port B pins with alternate function are shown in Table 10-6.
• Port B, Bit 7 - RESET/ dW/ ADC10/ PCINT15
• RESET, Reset pin: When the RSTDISBL Fuse is programmed, this pin functions as a normal
I/O pin, and the part will have to rely on Power-on Reset and Brown-out Reset as its reset
sources. When the RSTDISBL Fuse is unprogrammed, the reset circuitry is connected to the
pin, and the pin can not be used as an I/O pin.
• If PB7 is used as a reset pin, DDB7, PORTB7 and PINB7 will all read 0.
• dW: When the debugWIRE Enable (DWEN) Fuse is programmed and Lock bits are
unprogrammed, the RESET port pin is configured as a wire-AND (open-drain) bi-directional
I/O pin with pull-up enabled and becomes the communication gateway between target and
emulator.
Table 10-6.
Port B Pins Alternate Functions
Port Pin
Alternate Function
PB7
RESET: Reset pin
dW:
debugWire I/O
ADC10: ADC Input Channel 10
PCINT15:Pin Change Interrupt 0, Source 15
PB6
ADC9: ADC Input Channel 9
T0:
Timer/Counter0 Clock Source
INT0:
External Interrupt 0 Input
PCINT14:Pin Change Interrupt 0, Source 14
PB5
XTAL2: Crystal Oscillator Output
CLKO: System Clock Output
OC1D: Timer/Counter1 Compare Match D Output
ADC8: ADC Input Channel 8
PCINT13:Pin Change Interrupt 0, Source 13
PB4
XTAL1: Crystal Oscillator Input
CLKI:
External Clock Input
OC1D: Inverted Timer/Counter1 Compare Match D Output
ADC7: ADC Input Channel 7
PCINT12:Pin Change Interrupt 0, Source 12
PB3
OC1B: Timer/Counter1 Compare Match B Output
PCINT11:Pin Change Interrupt 0, Source 11
PB2
USCK: USI Clock (Three Wire Mode)
SCL :
USI Clock (Two Wire Mode)
OC1B: Inverted Timer/Counter1 Compare Match B Output
PCINT10:Pin Change Interrupt 0, Source 10
PB1
DO:
USI Data Output (Three Wire Mode)
OC1A: Timer/Counter1 Compare Match A Output
PCINT9: Pin Change Interrupt 1, Source 9
PB0
DI:
USI Data Input (Three Wire Mode)
SDA:
USI Data Input (Two Wire Mode)
OC1A: Inverted Timer/Counter1 Compare Match A Output
PCINT8: Pin Change Interrupt 1, Source 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com