Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A-MU Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATtiny261A-MU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A-MU Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATtiny261A-MU Datasheet HTML 21Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 22Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 23Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 24Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 25Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 26Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 27Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 28Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 292 page
background image
25
8197A–AVR–10/09
ATtiny261A/461A/861A
6.1.3
Flash Clock – clkFLASH
The Flash clock controls operation of the Flash interface. The Flash clock is usually active simul-
taneously with the CPU clock.
6.1.4
ADC Clock – clkADC
The ADC is provided with a dedicated clock domain. This allows halting the CPU and I/O clocks
in order to reduce noise generated by digital circuitry. This gives more accurate ADC conversion
results.
6.1.5
Fast Peripheral Clock – clkPCK
Selected peripherals can be clocked at a frequency higher than the CPU core. The fast periph-
eral clock is generated by an on-chip PLL circuit.
6.1.6
PLL System Clock – clkADC
The PLL can also be used to generate a system clock. The clock signal can be prescaled to
avoid overclocking the CPU.
6.2
Clock Sources
The device has the following clock source options, selectable by Flash Fuse bits as shown
below. The clock from the selected source is input to the AVR clock generator, and routed to the
appropriate modules.
Note:
1. For all fuses “1” means unprogrammed and “0” means programmed.
The various choices for each clocking option is given in the following sections. When the CPU
wakes up from Power-down or Power-save, the selected clock source is used to time the start-
up, ensuring stable oscillator operation before instruction execution starts. When the CPU starts
from reset, there is an additional delay allowing the power to reach a stable level before com-
Table 6-1.
Device Clocking Options Select(1) vs. PB4 and PB5 Functionality
Device Clocking Option
CKSEL3:0
PB4
PB5
External Clock (see page 26)
0000
XTAL1
I/O
High-Frequency PLL Clock (see page 26)
0001
I/O
I/O
Calibrated Internal 8 MHz Oscillator (see page 28)
0010
I/O
I/O
Internal 128 kHz Oscillator (see page 29)
0011
I/O
I/O
Low-Frequency Crystal Oscillator (see page 29)
01xx
XTAL1
XTAL2
Crystal Oscillator / Ceramic Resonator
0.4...0.9 MHz (see page 30)
1000
1001
XTAL1
XTAL2
Crystal Oscillator / Ceramic Resonator
0.9...3.0 MHz (see page 30)
1010
1011
XTAL1
XTAL2
Crystal Oscillator / Ceramic Resonator
3...8 MHz (see page 30)
1100
1101
XTAL1
XTAL2
Crystal Oscillator / Ceramic Resonator
8...20 MHz (see page 30)
1110
1111
XTAL1
XTAL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com