Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A-MU Datasheet(PDF) 61 Page - ATMEL Corporation

Part # ATtiny261A-MU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A-MU Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button ATtiny261A-MU Datasheet HTML 57Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 58Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 59Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 60Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 61Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 62Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 63Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 64Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 292 page
background image
61
8197A–AVR–10/09
ATtiny261A/461A/861A
10.2.1
Alternate Functions of Port A
The Port A pins with alternate function are shown in Table 10-3.
• Port A, Bit 7- ADC6/AIN0/PCINT7
• ADC6: Analog to Digital Converter, Channel 6.
• AIN0: Analog Comparator Input. Configure the port pin as input with the internal pull-up
switched off to avoid the digital port function from interfering with the function of the Analog
Comparator.
• PCINT7: Pin Change Interrupt source 8.
• Port A, Bit 6 - ADC5/AIN1/PCINT6
• ADC5: Analog to Digital Converter, Channel 5.
• AIN1: Analog Comparator Input. Configure the port pin as input with the internal pull-up
switched off to avoid the digital port function from interfering with the function of the Analog
Comparator.
• PCINT6: Pin Change Interrupt source 6.
Table 10-3.
Port B Pins Alternate Functions
Port Pin
Alternate Function
PA7
ADC6: ADC Input Channel 6
AIN0:
Analog Comparator Input
PCINT7: Pin Change Interrupt 0, Source 7
PA6
ADC5: ADC Input Channel 5
AIN1:
Analog Comparator Input
PCINT6: Pin Change Interrupt 0, Source 6
PA5
ADC4: ADC Input Channel 4
AIN2:
Analog Comparator Input
PCINT5: Pin Change Interrupt 0, Source 5
PA4
ADC3: ADC Input Channel 3
ICP0:
Timer/Counter0 Input Capture Pin
PCINT4: Pin Change Interrupt 0, Source 4
PA3
AREF: External Analog Reference
PCINT3: Pin Change Interrupt 0, Source 3
PA2
ADC2: ADC Input Channel 2
INT1:
External Interrupt 1 Input
USCK: USI Clock (Three Wire Mode)
SCL :
USI Clock (Two Wire Mode)
PCINT2: Pin Change Interrupt 0, Source 2
PA1
ADC1: ADC Input Channel 1
DO:
USI Data Output (Three Wire Mode)
PCINT1:Pin Change Interrupt 0, Source 1
PA0
ADC0: ADC Input Channel 0
DI:
USI Data Input (Three Wire Mode)
SDA:
USI Data Input (Two Wire Mode)
PCINT0: Pin Change Interrupt 0, Source 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com