Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A-MU Datasheet(PDF) 92 Page - ATMEL Corporation

Part # ATtiny261A-MU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A-MU Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button ATtiny261A-MU Datasheet HTML 88Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 89Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 90Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 91Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 92Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 93Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 94Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 95Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 292 page
background image
92
8197A–AVR–10/09
ATtiny261A/461A/861A
12.4.1
Counter Initialization for Asynchronous Mode
To set Timer/Counter1 to asynchronous mode follow the procedure below:
1. Enable PLL.
2. Wait 100 µs for PLL to stabilize.
3. Poll the PLOCK bit until it is set.
4. Set the PCKE bit in the PLLCSR register which enables the asynchronous mode.
12.5 Output Compare Unit
The comparator continuously compares TCNT1 with the Output Compare Registers (OCR1A,
OCR1B, OCR1C and OCR1D). Whenever TCNT1 equals to the Output Compare Register, the
comparator signals a match. A match will set the Output Compare Flag (OCF1A, OCF1B or
OCF1D) at the next timer clock cycle. If the corresponding interrupt is enabled, the Output Com-
pare Flag generates an Output Compare interrupt. The Output Compare Flag is automatically
cleared when the interrupt is executed. Alternatively, the flag can be cleared by software by writ-
ing a logical one to its I/O bit location. The Waveform Generator uses the match signal to
generate an output according to operating mode set by bits PWM1A, PWM1B, WGM11:10 and
COM1x1:0. The top and bottom signals are used by the Waveform Generator for handling the
special cases of the extreme values in some modes of operation (See “Modes of Operation” on
page 97.). Figure 12-5 shows a block diagram of the Output Compare unit.
Figure 12-5. Output Compare Unit, Block Diagram
The OCR1x Registers are double buffered when using any of the Pulse Width Modulation
(PWM) modes. For the normal mode of operation, the double buffering is disabled. The double
buffering synchronizes the update of the OCR1x Compare Registers to either top or bottom of
the counting sequence. The synchronization prevents the occurrence of odd-length, non-sym-
OCFnx (Int.Req.)
= (10-bit Comparator )
8-BIT DATA BUS
TCNTn
WGM10
Waveform Generator
COMnX1:0
PWMnx
TCnH
OCWnx
10-BIT TCNTn
10-BIT OCRnx
OCRnx
FOCn
TOP
BOTTOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com