Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A-MU Datasheet(PDF) 28 Page - ATMEL Corporation

Part # ATtiny261A-MU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A-MU Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button ATtiny261A-MU Datasheet HTML 24Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 25Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 26Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 27Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 28Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 29Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 30Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 31Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 292 page
background image
28
8197A–AVR–10/09
ATtiny261A/461A/861A
When the PLL output is selected as clock source, the start-up times are determined by SUT fuse
bits as shown in Table 6-5.
6.2.3
Calibrated Internal 8 MHz Oscillator
By default, the Internal Oscillator provides an approximately 8 MHz clock signal. Though voltage
and temperature dependent, this clock can be very accurately calibrated by the user. See Table
19-2 on page 186 and “Internal Oscillators” on page 218 for more details. The device is shipped
with the CKDIV8 Fuse programmed. See “System Clock Prescaler” on page 31 for more details.
This clock may be selected as the system clock by programming the CKSEL Fuses as shown in
Table 6-6. If selected, it will operate with no external components. During reset, hardware loads
the pre-programmed calibration value into the OSCCAL Register and thereby automatically cal-
ibrates the internal oscillator. The accuracy of this calibration is shown as Factory calibration in
Table 19-2 on page 186.
Notes: 1. The device is shipped with this option selected.
2. If the oscillator frequency exceeds the specification of the device (depends on VCC), the
CKDIV8 Fuse can be programmed to divide the internal frequency by 8.
When this oscillator is selected, start-up times are determined by SUT fuses as shown in Table
6-7.
Note:
1. If the RSTDISBL fuse is programmed, this start-up time will be increased to 14CK + 4 ms to
ensure programming mode can be entered.
2. The device is shipped with this option selected.
Table 6-5.
Start-up Times for the PLLCK
SUT1:0
Start-up Time from
Power Down
Additional Delay from
Power-On-Reset (VCC = 5.0V)
Recommended
usage
00
14CK + 1K (1024) + 4 ms
4 ms
BOD enabled
01
14CK + 16K (16384) + 4 ms
4 ms
Fast rising power
10
14CK + 1K (1024) + 64 ms
4 ms
Slowly rising power
11
14CK + 16K (16384) + 64 ms
4 ms
Slowly rising power
Table 6-6.
Internal Calibrated Oscillator Operating Modes
CKSEL3:0
Nominal Frequency
0010 (1)
8.0 MHz (2)
Table 6-7.
Start-up Times for the Internal Calibrated Oscillator Clock Selection
SUT1:0
Start-up Time
from Power-down
Additional Delay from
Reset (VCC = 5.0V)
Recommended
Usage
00
6 CK
14CK(1)
BOD enabled
01
6 CK
14CK + 4 ms
Fast rising power
10(2)
6 CK
14CK + 64 ms
Slowly rising power
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com