Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A-MU Datasheet(PDF) 96 Page - ATMEL Corporation

Part # ATtiny261A-MU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A-MU Datasheet(HTML) 96 Page - ATMEL Corporation

Back Button ATtiny261A-MU Datasheet HTML 92Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 93Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 94Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 95Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 96Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 97Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 98Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 99Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 100Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 292 page
background image
96
8197A–AVR–10/09
ATtiny261A/461A/861A
Figure 12-10. Compare Match Output Unit, Schematic
The general I/O port function is overridden by the Output Compare (OC1x / OC1x) from the
Dead Time Generator if either of the COM1x1:0 bits are set. However, the OC1x pin direction
(input or output) is still controlled by the Data Direction Register (DDR) for the port pin. The Data
Direction Register bit for the OC1x and OC1x pins (DDR_OC1x and DDR_OC1x) must be set as
output before the OC1x and OC1x values are visible on the pin. The port override function is
independent of the Output Compare mode.
PORTB0
DDRB0
DQ
DDRB1
PORTB1
DQ
DQ
DQ
clkI/O
PORTB2
DDRB2
D Q
DDRB3
PORTB3
D Q
D Q
D Q
PORTB4
DDRB4
DQ
DDRB5
PORTB5
DQ
DQ
DQ
1
0
1
0
OC1D
PIN
2
1
0
Dead Time
Generator D
Q
Q
OCW1D
clkTn
OC1D
PIN
Output Compare
Pin Configuration
COM1D1:0
WGM11
OC1OE5:4
1
0
1
0
1
0
OC1B
PIN
2
1
0
Dead Time
Generator B
Q
Q
OCW1B
clkTn
OC1B
PIN
Output Compare
Pin Configuration
COM1B1:0
WGM11
OC1OE3:2
1
0
1
0
OC1A
PIN
0
1
Dead Time
Generator A
Q
Q
OCW1A
clkTn
OC1A
PIN
Output Compare
Pin Configuration
COM1A1:0
WGM11
OC1OE1:0
1
0
OC1A
OC1A
OC1B
OC1B
OC1D
OC1D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com