Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A-MU Datasheet(PDF) 97 Page - ATMEL Corporation

Part # ATtiny261A-MU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A-MU Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button ATtiny261A-MU Datasheet HTML 93Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 94Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 95Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 96Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 97Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 98Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 99Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 100Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 292 page
background image
97
8197A–AVR–10/09
ATtiny261A/461A/861A
The design of the Output Compare Pin Configuration logic allows initialization of the OC1x state
before the output is enabled. Note that some COM1x1:0 bit settings are reserved for certain
modes of operation. For Output Compare Pin Configurations refer to Table 12-2 on page 98,
Table 12-3 on page 100, Table 12-4 on page 102, Table 12-5 on page 103, Table 12-6 on page
103, and Table 12-7 on page 104.
12.7.1
Compare Output Mode and Waveform Generation
The Waveform Generator uses the COM1x1:0 bits differently in Normal mode and PWM modes.
For all modes, setting the COM1x1:0 = 0 tells the Waveform Generator that no action on the
OCW1x Output is to be performed on the next Compare Match. For compare output actions in
the non-PWM modes refer to Table 12-8 on page 110. For fast PWM mode, refer to Table 12-9
on page 110, and for the Phase and Frequency Correct PWM refer to Table 12-10 on page 111.
A change of the COM1x1:0 bits state will have effect at the first Compare Match after the bits are
written. For non-PWM modes, the action can be forced to have immediate effect by using the
FOC1x strobe bits.
12.8 Modes of Operation
The mode of operation, i.e., the behavior of the Timer/Counter and the Output Compare pins, is
defined by the combination of waveform generation mode bits (PWM1A, PWM1B, and
WGM11:10) and compare output mode bits (COM1x1:0). The Compare Output mode bits do not
affect the counting sequence, while the Waveform Generation mode bits do. The COM1x1:0 bits
control whether the PWM output generated should be inverted, non-inverted or complementary.
For non-PWM modes the COM1x1:0 bits control whether the output should be set, cleared, or
toggled at a Compare Match.
12.8.1
Normal Mode
The simplest mode of operation is Normal mode (PWM1A/PWM1B = 0), where the counter
counts from BOTTOM to TOP (defined as OCR1C) then restarts from BOTTOM. The OCR1C
defines the TOP value for the counter, hence also its resolution, and allows control of the Com-
pare Match output frequency. In toggle Compare Output Mode the Waveform Output (OCW1x)
is toggled at Compare Match between TCNT1 and OCR1x. In non-inverting Compare Output
Mode the Waveform Output is cleared on the Compare Match. In inverting Compare Output
Mode the Waveform Output is set on Compare Match. The timing diagram for Normal mode is
shown in Figure 12-11.
Figure 12-11. Normal Mode, Timing Diagram
TCNTn
OCWnx
(COMnx=1)
OCnx Interrupt Flag Set
1
4
Period
2
3
TOVn Interrupt Flag Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com