Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A-MU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATtiny261A-MU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A-MU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATtiny261A-MU Datasheet HTML 7Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 8Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 9Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 10Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 11Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 12Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 13Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 14Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 292 page
background image
11
8197A–AVR–10/09
ATtiny261A/461A/861A
Figure 4-3.
The X-, Y-, and Z-registers
In different addressing modes these address registers function as automatic increment and
automatic decrement (see the instruction set reference for details).
4.5
Stack Pointer
The Stack is mainly used for storing temporary data, local variables and return addresses for
interrupts and subroutine calls. The Stack Pointer Register always points to the top of the Stack,
in the data SRAM Stack area where the subroutine and interrupt stacks are located.
The Stack in the data SRAM must be defined by the program before any subroutine calls are
executed or interrupts are enabled. The Stack Pointer must be set to point above start of the
SRAM (see Figure 5-2 on page 16). The initial Stack Pointer value equals the last address of the
internal SRAM.
Note that the Stack is implemented as growing from higher to lower memory locations. This
means a Stack PUSH command decreases the Stack Pointer. See Table 4-1.
The AVR Stack Pointer is implemented as two 8-bit registers in the I/O space. The number of
bits actually used is implementation dependent.
Note that the data space in some implementations of the AVR architecture is so small that only
SPL is needed. In this case, the SPH Register will not be present.
15
XH
XL
0
X-register
7
0
7
0
R27 (0x1B)
R26 (0x1A)
15
YH
YL
0
Y-register
7
0
7
0
R29 (0x1D)
R28 (0x1C)
15
ZH
ZL
0
Z-register
7
0
7
0
R31 (0x1F)
R30 (0x1E)
Table 4-1.
Stack Pointer instructions
Instruction
Stack pointer
Description
PUSH
Decremented by 1
Data is pushed onto the stack
CALL
ICALL
RCALL
Decremented by 2
Return address is pushed onto the stack with a
subroutine call or interrupt
POP
Incremented by 1
Data is popped from the stack
RET
RETI
Incremented by 2
Return address is popped from the stack with return
from subroutine or return from interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com