Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A-MU Datasheet(PDF) 91 Page - ATMEL Corporation

Part # ATtiny261A-MU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A-MU Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button ATtiny261A-MU Datasheet HTML 87Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 88Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 89Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 90Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 91Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 92Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 93Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 94Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 292 page
background image
91
8197A–AVR–10/09
ATtiny261A/461A/861A
12.3.1.1
Prescaler Reset
Setting the PSR1 bit in TCCR1B register resets the prescaler. It is possible to use the Prescaler
Reset for synchronizing the Timer/Counter to program execution.
12.3.1.2
Prescaler Initialization for Asynchronous Mode
To change Timer/Counter1 to the asynchronous mode follow the procedure below:
1. Enable PLL.
2. Wait 100 µs for PLL to stabilize.
3. Poll the PLOCK bit until it is set.
4. Set the PCKE bit in the PLLCSR register which enables the asynchronous mode.
12.4 Counter Unit
The main part of the Timer/Counter1 is the programmable bi-directional counter unit. Figure 12-
4 shows a block diagram of the counter and its surroundings.
Figure 12-4. Counter Unit Block Diagram
Signal description (internal signals):
count
TCNT1 increment or decrement enable.
direction
Select between increment and decrement.
clear
Clear TCNT1 (set all bits to zero).
clkTn
Timer/Counter clock, referred to as clkT1 in the following.
top
Signalize that TCNT1 has reached maximum value.
bottom
Signalize that TCNT1 has reached minimum value (zero).
Depending on the mode of operation used, the counter is cleared, incremented, or decremented
at each timer clock (clkT1). The timer clock is generated from an synchronous system clock or an
asynchronous PLL clock using the Clock Select bits (CS13:0) and the PCK Enable bit (PCKE).
When no clock source is selected (CS13:0 = 0) the timer is stopped. However, the TCNT1 value
can be accessed by the CPU, regardless of whether clkT1 is present or not. A CPU write over-
rides (has priority over) all counter clear or count operations.
The counting sequence of the Timer/Counter1 is determined by bits WGM11:10, PWM1A and
PWM1B, located in the Timer/Counter1 Control Registers (TCCR1A, TCCR1C and TCCR1D).
For more details about advanced counting sequences and waveform generation, see “Modes of
Operation” on page 97. The Timer/Counter Overflow Flag (TOV1) is set according to the mode
of operation and can be used for generating a CPU interrupt.
DATA BUS
TCNT1
Control Logic
count
TOV1
top
Timer/Counter1 Count Enable
( From Prescaler )
bottom
direction
clear
PCK
CK
PCKE
clk
T1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com