Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A-MU Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATtiny261A-MU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A-MU Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATtiny261A-MU Datasheet HTML 16Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 17Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 18Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 19Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 20Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 21Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 22Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 23Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 292 page
background image
20
8197A–AVR–10/09
ATtiny261A/461A/861A
be used. If a reset occurs while a write operation is in progress, the write operation will be com-
pleted provided that the power supply voltage is sufficient.
5.4
I/O Memory
The I/O space definition of the ATtiny261A/461A/861A is shown in “Register Summary” on page
273.
All I/Os and peripherals are placed in the I/O space. All I/O locations may be accessed using the
LD/LDS/LDD and ST/STS/STD instructions, enabling data transfer between the 32 general pur-
pose working registers and the I/O space. I/O Registers within the address range 0x00 - 0x1F
are directly bit-accessible using the SBI and CBI instructions. In these registers, the value of sin-
gle bits can be checked by using the SBIS and SBIC instructions. Refer to the instruction set
section for more details. When using the I/O specific commands IN and OUT, the I/O addresses
0x00 - 0x3F must be used. When addressing I/O Registers as data space using LD and ST
instructions, 0x20 must be added to these addresses.
For compatibility with future devices, reserved bits should be written to zero if accessed.
Reserved I/O memory addresses should never be written.
Some of the Status Flags are cleared by writing a logical one to them. Note that, the CBI and
SBI instructions will only operate on the specified bit, and can therefore be used on registers
containing such Status Flags. The CBI and SBI instructions work on registers in the address
range 0x00 to 0x1F, only.
The I/O and Peripherals Control Registers are explained in later sections.
5.4.1
General Purpose I/O Registers
The ATtiny261A/461A/861A contains three General Purpose I/O Registers. These registers can
be used for storing any information, and they are particularly useful for storing global variables
and Status Flags. General Purpose I/O Registers within the address range 0x00 - 0x1F are
directly bit-accessible using the SBI, CBI, SBIS, and SBIC instructions.
5.5
Register Description
5.5.1
EEARH – EEPROM Address Register
• Bits 7:1 – Res: Reserved Bits
These bits are reserved and will always read as zero.
• Bit 0 – EEAR8: EEPROM Address
This is the most significant EEPROM address bit of ATtiny861A. In devices with less EEPROM,
i.e. ATtiny261A/ATtiny461A, this bit is reserved and will always read zero. The initial value of the
EEPROM Address Register (EEAR) is undefined and a proper value must therefore be written
before the EEPROM is accessed.
Bit
765
432
10
0x1F (0x3F)
–––
–––
–
EEAR8
EEARH
Read/Write
RR
RRR
RR
R/W
Initial Value
0
0
0
0
0
0
0
X/0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com