Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261A-MU Datasheet(PDF) 103 Page - ATMEL Corporation

Part # ATtiny261A-MU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A-MU Datasheet(HTML) 103 Page - ATMEL Corporation

Back Button ATtiny261A-MU Datasheet HTML 99Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 100Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 101Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 102Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 103Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 104Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 105Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 106Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 107Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 292 page
background image
103
8197A–AVR–10/09
ATtiny261A/461A/861A
Figure 12-14. PWM6 Mode, Single-slope Operation, Timing Diagram
The general I/O port function is overridden by the Output Compare value (OC1x / OC1x) from
the Dead Time Generator if either of the COM1x1:0 bits are set. The Output Compare pins can
also be overriden by the Output Compare Override Enable bits OC1OE5:OC1OE0. If an Over-
ride Enable bit is cleared, the actual value from the port register will be visible on the port pin
and, if the Override Enable bit is set, the Output Compare pin is allowed to be connected on the
port pin. The Output Compare Pin configurations are described in Table 12-5, Table 12-6 and
Table 12-7.
Table 12-5.
Configuration of Output Compare Pins OC1A and OC1A in PWM6 Mode
COM1A1
COM1A0
OC1A Pin (PB0)
OC1A Pin (PB1)
0
0
Disconnected
Disconnected
01OC1A •
OC1OE0
OC1A •
OC1OE1
10OC1A •
OC1OE0
OC1A •
OC1OE1
11OC1A •
OC1OE0
OC1A •
OC1OE1
Table 12-6.
Configuration of Output Compare Pins OC1B and OC1B in PWM6 Mode
COM1B1
COM1B0
OC1B Pin (PB2)
OC1B Pin (PB3)
0
0
Disconnected
Disconnected
01OC1A •
OC1OE2
OC1A •
OC1OE3
10OC1A •
OC1OE2
OC1A •
OC1OE3
11OC1A •
OC1OE2
OC1A •
OC1OE3
TCNT1
OC1A Pin
OC1A Pin
OC1B Pin
OC1B Pin
OC1D Pin
OC1D Pin
OC1OE0
OC1OE1
OC1OE2
OC1OE3
OC1OE4
OC1OE5
OCW1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com