Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 113 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 113 Page - Analog Devices

Back Button ADE5166 Datasheet HTML 109Page - Analog Devices ADE5166 Datasheet HTML 110Page - Analog Devices ADE5166 Datasheet HTML 111Page - Analog Devices ADE5166 Datasheet HTML 112Page - Analog Devices ADE5166 Datasheet HTML 113Page - Analog Devices ADE5166 Datasheet HTML 114Page - Analog Devices ADE5166 Datasheet HTML 115Page - Analog Devices ADE5166 Datasheet HTML 116Page - Analog Devices ADE5166 Datasheet HTML 117Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 113 of 156
TIMERS
Each ADE5166/ADE5169/ADE5566/ADE5569 has three 16-bit
timers/counters: Timer/Counter 0, Timer/Counter 1, and Timer/
Counter 2. The timer/counter hardware is included on chip to
relieve the processor core of overhead inherent in implementing
timer/counter functionality in software. Each timer/counter con-
sists of two 8-bit registers: THx and TLx (x = 0, 1, or 2). All three
timers can be configured to operate as timers or as event counters.
When functioning as a timer, the TLx SFR is incremented every
machine cycle. Thus, it can be thought of as counting machine
cycles. Because a machine cycle on a single cycle core consists of
one core clock period, the maximum count rate is the core clock
frequency.
When functioning as a counter, the TLx SFR is incremented by
a 1-to-0 transition at its corresponding external input pin: T0,
T1, or T2. When the samples show a high in one cycle and a low
in the next cycle, the count is incremented. Because it takes two
machine cycles (two core clock periods) to recognize a 1-to-0
transition, the maximum count rate is half the core clock frequency.
There are no restrictions on the duty cycle of the external input
signal, but to ensure that a given level is sampled at least once
before it changes, it must be held for a minimum of one full
machine cycle. User configuration and control of all timer
operating modes is achieved via the SFRs listed in Table 112.
Table 112. Timer SFRs
SFR
Address
Bit Addressable
Description
TCON
0x88
Yes
Timer/Counter 0 and Timer/Counter 1 control (see Table 114).
TMOD
0x89
No
Timer/Counter 0 and Timer/Counter 1 mode (see Table 113).
TL0
0x8A
No
Timer 0 low byte (see Table 117).
TL1
0x8B
No
Timer 1 low byte (see Table 119).
TH0
0x8C
No
Timer 0 high byte (see Table 116).
TH1
0x8D
No
Timer 1 high byte (see Table 118).
T2CON
0xC8
Yes
Timer/Counter 2 control (see Table 115).
RCAP2L
0xCA
No
Timer 2 reload/capture low byte (see Table 123).
RCAP2H
0xCB
No
Timer 2 reload/capture high byte (see Table 122).
TL2
0xCC
No
Timer 2 low byte (see Table 121).
TH2
0xCD
No
Timer 2 high byte (see Table 120).
TIMER REGISTERS
Table 113. Timer/Counter 0 and Timer/Counter 1 Mode SFR (TMOD, Address 0x89)
Bit
Mnemonic
Default
Description
7
Gate1
0
Timer 1 gating control. Set by software to enable Timer/Counter 1 only when the INT1 pin is high and the TR1
control bit (Address 0x88[6]) is set. Cleared by software to enable Timer 1 whenever the TR1 control bit is set.
6
C/T1
0
Timer 1 timer or counter select bit. Set by software to select counter operation (input from the T1 pin).
Cleared by software to select the timer operation (input from the internal system clock).
[5:4]
T1/M1,
T1/M0
00
Timer 1 mode select bits.
T1/M1, T1/M0
Result
00
TH1 (Address 0x8D) operates as an 8-bit timer/counter. TL1 (Address 0x8B) serves as a
5-bit prescaler.
01
16-bit timer/counter. TH1 and TL1 are cascaded; there is no prescaler.
10
8-bit autoreload timer/counter. TH1 holds a value to reload into TL1 each time TL1 overflows.
11
Timer/Counter 1 stopped.
3
Gate0
0
Timer 0 gating control. Set by software to enable Timer/Counter 0 only when the INT0 pin is high and the TR0
control bit (Address 0x88[4]) is set. Cleared by software to enable Timer 0 whenever the TR0 control bit is set.
2
C/T0
0
Timer 0 timer or counter select bit. Set by software to the select counter operation (input from the T0 pin).
Cleared by software to select the timer operation (input from the internal system clock).
[1:0]
T0/M1,
T0/M0
00
Timer 0 mode select bits.
T0/M1, T0/M0
Result
00
TH0 (Address 0x8C) operates as an 8-bit timer/counter. TL0 (Address 0x8A) serves as a
5-bit prescaler.
01
16-bit timer/counter. TH0 and TL0 are cascaded; there is no prescaler.
10
8-bit autoreload timer/counter. TH0 holds a value to reload into TL0 each time TL0 overflows.
11
TL0 is an 8-bit timer/counter controlled by the standard Timer 0 control bits. TH0 is an
8-bit timer only, controlled by the Timer 1 control bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com