Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 115 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 115 Page - Analog Devices

Back Button ADE5166 Datasheet HTML 111Page - Analog Devices ADE5166 Datasheet HTML 112Page - Analog Devices ADE5166 Datasheet HTML 113Page - Analog Devices ADE5166 Datasheet HTML 114Page - Analog Devices ADE5166 Datasheet HTML 115Page - Analog Devices ADE5166 Datasheet HTML 116Page - Analog Devices ADE5166 Datasheet HTML 117Page - Analog Devices ADE5166 Datasheet HTML 118Page - Analog Devices ADE5166 Datasheet HTML 119Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 115 of 156
Table 116. Timer 0 High Byte SFR (TH0, Address 0x8C)
Bit
Mnemonic
Default
Description
[7:0]
TH0
0
Timer 0 data high byte.
Table 117. Timer 0 Low Byte SFR (TL0, Address 0x8A)
Bit
Mnemonic
Default
Description
[7:0]
TL0
0
Timer 0 data low byte.
Table 118. Timer 1 High Byte SFR (TH1, Address 0x8D)
Bit
Mnemonic
Default
Description
[7:0]
TH1
0
Timer 1 data high byte.
Table 119. Timer 1 Low Byte SFR (TL1, Address 0x8B)
Bit
Mnemonic
Default
Description
[7:0]
TL1
0
Timer 1 data low byte.
Table 120. Timer 2 High Byte SFR (TH2, Address 0xCD)
Bit
Mnemonic
Default
Description
[7:0]
TH2
0
Timer 2 data high byte.
Table 121. Timer 2 Low Byte SFR (TL2, Address 0xCC)
Bit
Mnemonic
Default
Description
[7:0]
TL2
0
Timer 2 data low byte.
Table 122. Timer 2 Reload/Capture High Byte SFR
(RCAP2H, Address 0xCB)
Bit
Mnemonic
Default
Description
[7:0]
TH2
0
Timer 2 reload/capture high byte.
Table 123. Timer 2 Reload/Capture Low Byte SFR (RCAP2L,
Address 0xCA)
Bit
Mnemonic
Default
Description
[7:0]
TL2
0
Timer 2 reload/capture low byte.
TIMER 0 AND TIMER 1
Timer 0 High/Low and Timer 1 High/Low Data Registers
Each timer consists of two 8-bit SFRs. For Timer 0, they are
Timer 0 high byte (TH0, Address 0x8C) and Timer 0 low byte
(TL0, Address 0x8A). For Timer 1, they are Timer 1 high byte
(TH1, Address 0x8D) and Timer 1 low byte (TL1, Address 0x8B).
These SFRs can be used as independent registers or combined
into a single 16-bit register, depending on the timer mode
configuration (see Table 116 to Table 119).
Timer/Counter 0 and Timer/Counter 1 Operating Modes
This section describes the operating modes for Timer/Counter 0
and Timer/Counter 1. Unless otherwise noted, these modes of
operation are the same for both Timer 0 and Timer 1.
Mode 0 (13-Bit Timer/Counter)
Mode 0 configures an 8-bit timer/counter. Figure 97 shows
Mode 0 operation. Note that the divide-by-12 prescaler is not
present on the single cycle core.
INTERRUPT
TH0
(8 BITS)
TL0
(5 BITS)
CONTROL
TF0
TR0
P0.6/T0
GATE
INT0
fCORE
C/T0 = 0
C/T0 = 1
Figure 97. Timer/Counter 0, Mode 0
In this mode, the timer register is configured as a 13-bit register.
As the count rolls over from all 1s to all 0s, it sets the timer overflow
flag, TF0 (Address 0x88[5]). TF0 can then be used to request an
interrupt. The counter input is enabled when TR0 = 1 and either
Gate0 = 0 or INT0 = 1. Setting Gate0 = 1 allows the timer to be
controlled by the external input, INT0, to facilitate pulse width
measurements. TR0 is a control bit located in the Timer/Counter 0
and Timer/Counter 1 control SFR (TCON, Address 0x88[4]);
the Gate0/Gate1 bits are in Timer/Counter 0 and Timer/Counter 1
mode SFR (TMOD, Address 0x89, Bit 3 and Bit 7, respectively).
The 13-bit register consists of all eight bits of the Timer 0 high
byte SFR (TH0, Address 0x8C) and the lower five bits of the
Timer 0 low byte SFR (TL0, Address 0x8A). The upper three bits
of the TL0 SFR are indeterminate and should be ignored. Setting
the run flag (TR0, Address 0x88[4]) does not clear the registers.
Mode 1 (16-Bit Timer/Counter)
Mode 1 is the same as Mode 0 except that the Mode 1 timer
register runs with all 16 bits. Mode 1 is shown in Figure 98.
GATE
fCORE
INTERRUPT
TH0
(8 BITS)
TL0
(8 BITS)
CONTROL
TF0
TR0
INT0
P0.6/T0
C/T0 = 0
C/T0 = 1
Figure 98. Timer/Counter 0, Mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com