Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 119 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 119 Page - Analog Devices

Back Button ADE5166 Datasheet HTML 115Page - Analog Devices ADE5166 Datasheet HTML 116Page - Analog Devices ADE5166 Datasheet HTML 117Page - Analog Devices ADE5166 Datasheet HTML 118Page - Analog Devices ADE5166 Datasheet HTML 119Page - Analog Devices ADE5166 Datasheet HTML 120Page - Analog Devices ADE5166 Datasheet HTML 121Page - Analog Devices ADE5166 Datasheet HTML 122Page - Analog Devices ADE5166 Datasheet HTML 123Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 119 of 156
REAL-TIME CLOCK (RTC)
The ADE5166/ADE5169/ADE5566/ADE5569 have an embedded
RTC (see Figure 103). The external 32.768 kHz crystal is used
as the clock source for the RTC. Calibration is provided to com-
pensate the nominal crystal frequency and for variations in the
external crystal frequency over temperature. By default, the RTC
is active in all the power saving modes. The RTC counters retain
their values through watchdog resets and external resets and are
reset only during a power-on reset.
The ADE5166/ADE5169/ADE5566/ADE5569 provide two ways
to access the RTC data: by direct access through SFRs for configu-
ration and by indirect access through address and data SFRs for
the timekeeping registers and some other configurations. The
address and data SFRs act as pointers to the RTC internal
registers.
ACCESS TO RTC SFRs
Access to the RTC SFRs is achieved by reading or writing to the
SFR addresses that are detailed in the Access to Internal RTC
Registers section. Writing to the indirect registers is protected
by a key, as explained in the Writing to Internal RTC Registers
section. Reading is not protected.
ACCESS TO INTERNAL RTC REGISTERS
Access to the internal RTC measurement registers is achieved by
writing to the RTC pointer address SFR (RTCPTR, Address 0xA3).
The RTCPTR register selects the RTC register to be accessed
and determines if a read or a write is performed (see Table 130).
Writing to Internal RTC Registers
The RTC circuitry runs off a 32.768 kHz clock. The timekeeping
registers, HTHSEC, SEC, MIN, HOUR, DAY, DATE, MONTH,
and YEAR are updated with a 32.768 kHz clock. However, the
TIMECON (Address 0xA1) and TIMECON2 (Address 0xA2)
SFRs and the INTVAL register (Address 0x09) are updated with
a 128 Hz clock. It takes up to two 128 Hz clock cycles from when
the MCU writes to the TIMECON or TIMECON2 SFR, or the
INTVAL register until it is successfully updated in the RTC.
When the RTCW_RB bit in the RTCPTR SFR (Address 0xA3[7])
is set, the contents of the RTCDAT SFR (Address 0xA4) are
transferred to the internal RTC register designated by the
address in the RTCPTR SFR. To protect the RTC timekeeping
registers from runaway code, a key must be written to the
KYREG SFR (Address 0xC1) to obtain write access to any of the
RTC indirect registers. The KYREG SFR should be set to 0xEA
to unlock the timekeeping registers and is reset to 0 after a
timekeeping register is written.
The RTC registers can be written using the following 8052
assembly code:
MOV
RTCKey, #0EAh
CALL
UpdateRTC
…
UpdateRTC:
MOV
KYREG, RTCKey
MOV
RTCDAT, #30
MOV
RTCPTR, #82h
MOV
KYREG, RTCKey
MOV
RTCDAT, #05
MOV
RTCPTR, #83h
MOV
KYREG, RTCKey
MOV
RTCDAT, #04
MOV
RTCPTR, #84h
MOV
RTCKey, #00h
RET
Reading Internal RTC Registers
When Bit 7 of the RTCPTR SFR is cleared, the contents of the
internal RTC data register designated by the address in RTCPTR
are transferred to the RTCDAT SFR. The RTC cannot be stopped
to read the current time because stopping the RTC introduces
an error in its timekeeping. Therefore, the RTC is read on-the-fly,
and the counter registers must be checked for overflow. This
can be accomplished using the following 8052 assembly code:
ReadAgain:
MOV
RTCPTR #01
; Read HTHSEC using Bank
0
MOV
R0, RTCDAT
MOV
RTCPTR, #02
; Read SEC
MOV
R1, RTCDAT
MOV
RTCPTR, #03
; Read MIN
MOV
R2, RTCDAT
MOV
RTCPTR, #04
; Read HOUR
MOV
R3, RTCDAT
MOV
RTCPTR, #01
; Read HTHSEC
MOV
A, RTCDAT
CJNE
A, 00h, ReadAgain
; 00h is R0 in
Bank 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com