Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 121 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 121 Page - Analog Devices

Back Button ADE5166 Datasheet HTML 117Page - Analog Devices ADE5166 Datasheet HTML 118Page - Analog Devices ADE5166 Datasheet HTML 119Page - Analog Devices ADE5166 Datasheet HTML 120Page - Analog Devices ADE5166 Datasheet HTML 121Page - Analog Devices ADE5166 Datasheet HTML 122Page - Analog Devices ADE5166 Datasheet HTML 123Page - Analog Devices ADE5166 Datasheet HTML 124Page - Analog Devices ADE5166 Datasheet HTML 125Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 121 of 156
Table 128. RTC Configuration SFR (TIMECON, Address 0xA1)
Bit
Mnemonic
Default
Description
7
Reserved
N/A
Reserved.
6
ALFLAG
0
Alarm flag. This bit is set when the RTC registers match the enabled alarm registers. It can be cleared by
the user to indicate that the alarm has been serviced.
[5:4]
ITS1, ITS0
0
INTVAL timebase select bits.
ITS1, ITS0
Timebase
00
1/128 sec
01
Second
10
Minute
11
Hour
3
SIT
0
Interval timer one-time alarm.
SIT
Result
0
The ITFLAG flag is set after INTVAL counts, and then another interval count starts
1
The ITFLAG flag is set after one time interval
2
ITFLAG
0
Interval timer flag. This bit is set when the configured time interval has elapsed. It can be cleared by the
user to indicate that the alarm event has been serviced.
1
ITEN
0
Interval timer enable.
ITEN
Result
0
The interval timer is disabled, and the 8-bit interval timer counter is reset
1
Set this bit to 1 to enable the interval timer
0
Unused
N/A
Unused.
Table 129. RTC Configuration 2 SFR (TIMECON2, Address 0xA2)
Bit
Mnemonic
Default
Description
[7:5]
Reserved
N/A
Reserved.
4
ALDAT_EN
0
Alarm date enable. When this bit is set, the data in the AL_DATE register (Address 0x0E) is compared to
the data in the RTC DATE register (Address 0x06). If the two values match, and any other enabled RTC
alarms also match, the ALFLAG in the TIMECON SFR (Address 0xA1[6]) is set. If enabled, an RTC interrupt occurs.
3
ALDAY_EN
0
Alarm day enable. When this bit is set, the data in the AL_DAY register (Address 0x0D) is compared to the
data in the RTC DAY register (Address 0x05). If the two values match and any other enabled RTC alarms
also match, the ALFLAG in the TIMECON SFR (Address 0xA1[6]) is set. If enabled, an RTC interrupt occurs.
2
ALHR_EN
0
Alarm hour enable. When this bit is set, the data in the AL_HOUR register (Address 0x0C) is compared to
the data in the RTC HOUR register (Address 0x04). If the two values match and any other enabled RTC
alarms also match, the ALFLAG in the TIMECON SFR (Address 0xA1[6]) is set. If enabled, an RTC interrupt occurs.
1
ALMIN_EN
0
Alarm minute enable. When set, the data in the AL_MIN register (Address 0x0B) is compared to the data in
the RTC MIN register (Address 0x03). If the two values match and any other enabled RTC alarms also
match, the ALFLAG in the TIMECON SFR (Address 0xA1[6]) is set. If enabled, an RTC interrupt occurs.
0
ALSEC_EN
0
Alarm second enable. When this bit is set, the data in the AL_SEC register (Address 0x0A) is compared to
the data in the RTC SEC register (Address 0x02). If the two values match and any other enabled RTC alarms
also match, the ALFLAG in the TIMECON SFR (Address 0xA1[6]) is set. If enabled, an RTC interrupt occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com