Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 134 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 134 Page - Analog Devices

Back Button ADE5166 Datasheet HTML 130Page - Analog Devices ADE5166 Datasheet HTML 131Page - Analog Devices ADE5166 Datasheet HTML 132Page - Analog Devices ADE5166 Datasheet HTML 133Page - Analog Devices ADE5166 Datasheet HTML 134Page - Analog Devices ADE5166 Datasheet HTML 135Page - Analog Devices ADE5166 Datasheet HTML 136Page - Analog Devices ADE5166 Datasheet HTML 137Page - Analog Devices ADE5166 Datasheet HTML 138Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 134 of 156
UART2 SERIAL INTERFACE
The ADE5166/ADE5169/ADE5566/ADE5569 UART2 is an 8-bit
or 9-bit UART with variable baud rate.
Variable baud rates are defined by using an internal timer to
generate any rate between 300 bauds/sec and 115,200 bauds/sec.
The UART2 serial interface provided in the ADE5166/ADE5169/
ADE5566/ADE5569 is a full-duplex serial interface. It is also
receive buffered by storing the first received byte in a receive
buffer until the reception of the second byte is complete. The
physical interface to the UART is provided via the RxD2
(P0.7/SS/T1/RxD2) pin and the TxD2 (SDEN/P2.3/TxD2) pin,
whereas the firmware interface is through the SFRs presented in
.
Table 145
Both the serial port receive and transmit registers are accessed
through the SBUF2 SFR (Address 0xEB). Writing to SBUF2
loads the transmit register, and reading SBUF2 accesses a
physically separate receive register.
An enhanced UART2 mode is offered by using the UART2 timer
and providing enhanced frame error, break error, and overwrite
error detection. The SBAUD2 SFR (Address 0xEE) is used to
configure the UART2 timer and to indicate the enhanced
UART2 errors.
UART2 SFRs
Table 145. Serial Port 2 SFRs
SFR
Address
Bit
Addressable
Description
SCON2
0xE1
No
Serial Communications Control 2 (see Table 146).
SBUF2
0xEB
No
Serial Port 2 buffer (see Table 147).
SBAUD2
0xEE
No
Enhanced Serial Baud Rate Control 2 (see Table 148).
Table 146. Serial Communications Control 2 SFR (SCON2, Address 0xE1)
Bit
Mnemonic
Default
Description
7
N/A
N/A
Reserved.
6
EN-T8
0
9-bit UART, variable baud rate enable bit. When set, the UART2 is in 9-bit mode.
5
OWE2
0
Overwrite error. This bit is set when new data is received and RI2 = 1 in the SCON SFR. It indicates
that SBUF2 was not read before the next character was transferred in, causing the prior SBUF2
data to be lost. Write a 0 to this bit to clear it.
4
FE2
0
Frame error. This bit is set when the received frame does not have a valid stop bit. This bit is read
only and is updated every time a frame is received.
3
BE2
0
Break error. This bit is set whenever the receive data line (RxD2) is low for longer than a full
transmission frame, the time required for a start bit, eight data bits, a parity bit, and half a stop
bit. This bit is updated every time a frame is received.
2
REN2
0
Serial Port 2 receive enable bit. Set by user software to enable serial port reception. Cleared by
user software to disable serial port reception.
1
TI2
0
Serial Port 2 transmit interrupt flag. Set by hardware at the end of the eighth bit, TI2 must be
cleared by user software.
0
RI2
0
Serial Port 2 receive interrupt flag. Set by hardware at the end of the eighth bit, RI2 must be
cleared by user software.
Table 147. Serial Port 2 Buffer SFR (SBUF2, Address 0xEB)
Bit
Mnemonic
Default
Description
[7:0]
SBUF2
0
Serial Port 2 data buffer.
Table 148. Enhanced Serial Baud Rate Control 2 SFR (SBAUD2, Address 0xEE)
Bit
Mnemonic
Default
Description
7
TB8_2
0
Serial port transmit (Bit 9). The data loaded into TB8_2 is the ninth data bit transmitted in 9-bit mode.
6
RB8_2
0
Serial port receive (Bit 9). The ninth data bit received in 9-bit mode is latched into RB8_2. For
8-bit mode, the stop bit is latched into RB8_2.
5
SBF2
Fractional divider Boolean. When set, SBAUDF2 = 0x2B. When cleared, SBAUDF2 = 0x07.
[4:3]
SBTH2
0
Extended divider ratio for baud rate setting (see Table 149).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com