Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 132 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 132 Page - Analog Devices

Back Button ADE5166 Datasheet HTML 128Page - Analog Devices ADE5166 Datasheet HTML 129Page - Analog Devices ADE5166 Datasheet HTML 130Page - Analog Devices ADE5166 Datasheet HTML 131Page - Analog Devices ADE5166 Datasheet HTML 132Page - Analog Devices ADE5166 Datasheet HTML 133Page - Analog Devices ADE5166 Datasheet HTML 134Page - Analog Devices ADE5166 Datasheet HTML 135Page - Analog Devices ADE5166 Datasheet HTML 136Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 132 of 156
)
÷(1 + SBAUDF/64)
UART TIMER
Rx/Tx CLOCK
fCORE
UARTBAUDEN
Rx CLOCK
Tx CLOCK
TIMER 1/TIMER 2
Rx CLOCK
FRACTIONAL
DIVIDER
0
0
1
1
TIMER 1/TIMER 2
Tx CLOCK
÷32
÷2DIV + SBTH
Because Timer 2 has 16-bit autoreload capability, very low baud
rates are still possible. Timer 2 is selected as the baud rate generator
by setting RCLK and/or TCLK in the Timer/Counter 2 control
SFR (T2CON, Address 0xC8[5:4]). The baud rates for transmit
and receive can be simultaneously different. Setting RCLK and/or
TCLK puts Timer 2 into its baud rate generator mode, as shown in
Figure 107.
In this case, the baud rate is given by the following formula:
Mode 1 or Mode 3 Baud Rate =
Figure 106. UART Timer, UART Baud Rate
()
[]
(
L
RCAP
H
RCAP
f
CORE
2
:
2
65536
16
−
×
Two SFRs, the enhanced serial baud rate control SFR (SBAUDT,
Address 0x9E) and UART timer fractional divider SFR (SBAUDF,
Address 0x9D), are used to control the UART timer. SBAUDT
is the baud rate control SFR; it sets up the integer divider (the DIV
bits, Bits[2:0]) and the extended divider (the SBTH bits, Bits[4:3])
for the UART timer.
UART Timer Generated Baud Rates
The high integer dividers in a UART block mean that high speed
baud rates are not always possible. In addition, generating baud
rates requires the exclusive use of a timer, rendering it unusable
for other applications when the UART is required. To address
this problem, each ADE5166/ADE5169/ADE5566/ADE5569
has a dedicated baud rate timer (UART timer) specifically for
generating highly accurate baud rates. The UART timer can be
used instead of Timer 1 or Timer 2 for generating very accurate
high speed UART baud rates, including 115,200 bps. This timer
also allows a much wider range of baud rates to be obtained. In
fact, every desired bit rate from 12 bps to 393,216 bps can be
generated to within an error of ±0.8%. The UART timer also
frees up the other three timers, allowing them to be used for
different applications. A block diagram of the UART timer is
shown in Figure 106.
The appropriate value to write to the DIV bits and the SBTH
bits can be calculated using the following formula, where fCORE is
defined in the POWCON SFR (see Table 26). Note that the DIV
value must be rounded down to the nearest integer.
()
2
log
16
log
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
=
+
Rate
Baud
f
SBTH
DIV
CORE
fCORE
T2 PIN
(P1.4/T2/FP23)
T2EX PIN
(P1.3/T2EX/FP24)
TR2
CONTROL
TL2
(8 BITS)
TH2
(8 BITS)
RELOAD
EXEN2
CONTROL
TRANSITION
DETECTOR
EXF 2
TIMER 2
INTERRUPT
RCAP2L
RCAP2H
TIMER 2
OVERFLOW
2
16
16
RCLK
TCLK
Rx
CLOCK
Tx
CLOCK
0
0
1
1
1
0
SMOD
TIMER 1
OVERFLOW
C/ T2 = 0
C/ T2 = 1
NOTE: AVAILABILITY OF ADDITIONAL
EXTERNAL INTERRUPT
P1.4/T2/FP23
Figure 107. Timer 2, UART Baud Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com