Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 140 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 140 Page - Analog Devices

Back Button ADE5166 Datasheet HTML 136Page - Analog Devices ADE5166 Datasheet HTML 137Page - Analog Devices ADE5166 Datasheet HTML 138Page - Analog Devices ADE5166 Datasheet HTML 139Page - Analog Devices ADE5166 Datasheet HTML 140Page - Analog Devices ADE5166 Datasheet HTML 141Page - Analog Devices ADE5166 Datasheet HTML 142Page - Analog Devices ADE5166 Datasheet HTML 143Page - Analog Devices ADE5166 Datasheet HTML 144Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 140 of 156
Table 154. SPI Configuration SFR 2 (SPIMOD2, Address 0xE9)
Bit
Mnemonic
Default
Description
7
SPICONT
0
Master mode, SPI continuous transfer mode enable bit.
SPICONT
Result
0
The SPI interface stops after one byte is transferred and SS is deasserted. A new data transfer can
be initiated after a stalled period.
1
The SPI interface continues to transfer data until no valid data is available in the SPI2CTx SFR.
SS remains asserted until the SPI2CTx SFR and the transmit shift registers are empty.
6
SPIEN
0
SPI interface enable bit.
SPIEN
Result
0
The SPI interface is disabled.
1
The SPI interface is enabled.
5
SPIODO
0
SPI open-drain output configuration bit.
SPIODO
Result
0
Internal pull-up resistors are connected to the SPI outputs.
1
The SPI outputs are open drain and need external pull-up resistors. The pull-up voltage should
not exceed the specified operating voltage.
4
SPIMS_b
0
SPI master mode enable bit.
SPIMS_b
Result
0
The SPI interface is defined as a slave.
1
The SPI interface is defined as a master.
3
SPICPOL
0
SPI clock polarity configuration bit (see Figure 113).
SPICPOL
Result
0
The default state of SCLK is low, and the first SCLK edge is rising. Depending on the SPICPHA bit,
the SPI data output changes state on the falling or rising edge of SCLK, whereas the SPI data input
is sampled on the rising or falling edge of SCLK.
1
The default state of SCLK is high, and the first SCLK edge is falling. Depending on the SPICPHA
bit, the SPI data output changes state on the rising or falling edge of SCLK, whereas the SPI data
input is sampled on the falling or rising edge of SCLK.
2
SPICPHA
0
SPI clock phase configuration bit (see Figure 113).
SPICPHA
Result
0
The SPI data output changes state when SS goes low at the second edge of SCLK and then every
two subsequent edges, whereas the SPI data input is sampled at the first SCLK edge and then
every two subsequent edges.
1
The SPI data output changes state at the first edge of SCLK and then every two subsequent
edges, whereas the SPI data input is sampled at the second SCLK edge and then every two
subsequent edges.
1
SPILSBF
0
Master mode, LSB first configuration bit.
SPILSBF
Result
0
The MSB of the SPI outputs is transmitted first.
1
The LSB of the SPI outputs is transmitted first.
0
TIMODE
1
Transfer and interrupt mode of the SPI interface.
TIMODE
Result
1
See Bit 5, Bit 4, and Bit 1 of Table 155 for mode selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com