Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 142 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 142 Page - Analog Devices

Back Button ADE5166 Datasheet HTML 138Page - Analog Devices ADE5166 Datasheet HTML 139Page - Analog Devices ADE5166 Datasheet HTML 140Page - Analog Devices ADE5166 Datasheet HTML 141Page - Analog Devices ADE5166 Datasheet HTML 142Page - Analog Devices ADE5166 Datasheet HTML 143Page - Analog Devices ADE5166 Datasheet HTML 144Page - Analog Devices ADE5166 Datasheet HTML 145Page - Analog Devices ADE5166 Datasheet HTML 146Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 142 of 156
SS (Slave Select Pin)
In SPI slave mode, a transfer is initiated by the assertion of SS
low. The SPI port then transmits and receives 8-bit data until
the data is concluded by the deassertion of SS according to the
AUTO_SS bit setting (SPIMOD1[4]). In slave mode, SS is always
an input.
In SPI master mode, the SS (P0.7/SS/T1/RxD2) pin can be used
to control data transfer to a slave device. In the automatic slave
select control mode, the SS pin is asserted low to select the slave
device and then raised to deselect the slave device after the transfer
is complete. Automatic slave select control is enabled by setting
the AUTO_SS bit (SPIMOD1[4]).
In a multimaster system, the SS pin can be configured as an
input so that the SPI peripheral can operate as a slave in some
situations and as a master in others. In this case, the slave selects
for the slaves controlled by this SPI peripheral should be
generated with general I/O pins.
SPI MASTER OPERATING MODES
The double-buffered receive and transmit registers can be used to
maximize the throughput of the SPI peripheral by continuously
streaming out data in master mode. The continuous transmit mode
is designed to use the full capacity of the SPI. In this mode, the
master transmits and receives data until the SPI/I2C transmit
buffer SFR (SPI2CTx, Address 0x9A) is empty at the start of a byte
transfer. Continuous mode is enabled by setting the SPICONT bit
(SPIMOD2[7]). The SPI peripheral also offers a single byte read/
write function.
In master mode, the type of transfer is handled automatically,
depending on the configuration of the SPICONT bit. The
following procedures show the sequence of events that should be
performed for each master operating mode. Based on the SS
configuration, some of these events take place automatically.
Procedures for Using SPI as a Master
Single-Byte Write Mode, SPICONT (SPIMOD2[7]) = 0
1.
Write to the SPI2CTx SFR.
2.
SS is asserted low, and a write routine is initiated.
3.
The SPITxIRQ interrupt flag (SPISTAT[1]) is set when the
SPI2CTx register is empty.
4.
SS is deasserted high.
5.
Write to the SPI2CTx SFR to clear the SPITxIRQ inter-
rupt flag.
Continuous Mode, SPICONT (SPIMOD2[7]) = 1
1.
Write to the SPI2CTx SFR.
2.
SS is asserted low, and a write routine is initiated.
3.
Wait for the SPITxIRQ interrupt flag to write to SPI2CTx SFR.
4.
Transfer continues until the SPI2CTx register and transmit
shift registers are empty.
5.
The SPITxIRQ interrupt flag is set when the SPI2CTx
register is empty.
6.
SS is deasserted high.
7.
Write to the SPI2CTx SFR to clear the SPITxIRQ inter-
rupt flag.
Figure 111 shows the SPI output for certain automatic chip select
and continuous mode selections. Note that if the continuous mode
is not used, a short delay is inserted between transfers.
SCLK
SS
DOUT
DIN
DIN1
DIN2
AUTO_SS = 1
SPICONT = 0
SCLK
SS
DOUT
DIN
DIN1
AUTO_SS = 1
SPICONT = 1
DIN2
AUTO_SS = 0
SPICONT = 0
(MANUAL SS CONTROL)
DOUT1
DOUT2
DOUT1
DOUT2
SCLK
SS
DOUT
DIN
DIN1
DIN2
DOUT1
DOUT2
Figure 111. Automatic Chip Select and Continuous Mode Output
Note that reading the contents of the SPI/I2C receive buffer SFR
(SPI2CRx, Address 0x9B) should be done using a 2-cycle instruc-
tion set, such as MOV A or SPI2CRX. Using a 3-cycle instruction
set, such as MOV 0x3D or SPI2CRX, does not transfer the right
information into the target register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com