Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ-REF Datasheet(PDF) 31 Page - Analog Devices

Part # ADE7858ACPZ-REF
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ-REF Datasheet(HTML) 31 Page - Analog Devices

Back Button ADE7858ACPZ-REF Datasheet HTML 27Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 28Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 29Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 30Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 31Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 32Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 33Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 34Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
Preliminary Technical Data
ADE7858
Rev. PrA | Page 31 of 76
- if ADE7858 registers located in the data memory RAM have
not been modified, write 0x0001 into register RUN[15:0] to
start the DSP.
-if ADE7858 registers located in the data memory RAM have to
be modified, first execute a software or a hardware reset,
initialize all ADE7858 registers at desired values and then write
0x0001 into register RUN[15:0] to start the DSP.
As mentioned in Power Management chapter, when the
ADE7858 switches out of PSM0 power mode, it is
recommended to stop the DSP by writing 0x0000 into
RUN[15:0] register (see Table 9 for recommended actions when
changing power modes).
ROOT MEAN SQUARE MEASUREMENT
Root mean square (rms) is a measurement of the magnitude of
an ac signal. Its definition can be both practical and mathemati-
cal. Defined practically, the rms value assigned to an ac signal is
the amount of dc required to produce an equivalent amount of
power in the load. Mathematically, the rms value of a
continuous signal f(t) is defined as
dt
T
1
2
0
T
t
f
FRMS
(9)
For time sampling signals, rms calculation involves squaring the
signal, taking the average, and obtaining the square root.
]
[
1
1
2 n
f
N
FRMS
N
n
(10)
The expression (10) implies that for signals containing
harmonics, the rms calculation contains the contribution of all
harmonics, not only the fundamental. The method is to low-
pass filter the square of the input signal (LPF) and take the
square root of the result (see Figure 36).

k
k
k
t
k
F
t
f
sin
2
)
(
1
(11)
Then
 
m
k
m
k
m
k
m
k
k
k
k
k
k
t
m
t
k
F
F
t
k
F
F
t
f
1
,
1
2
1
2
2
sin
sin
2
2
)
2
cos(
)
(
(12)
After the LPF and the execution of the square root, the rms
value of f(t) is obtained:
1
2
k
k
F
F
(13)
The rms calculation based on this method is simultaneously
processed on all seven analog input channels. Each result is
available in 24-bit registers AIRMS, BIRMS, CIRMS, AVRMS,
BVRMS and CVRMS.
Current RMS Calculation
This chapter presents the first approach to compute the rms
values of all phase currents.
Figure 36 shows the detail of the signal processing chain for the
rms calculation on one of the phases of the current channel.
The current channel rms value is processed from the samples
used in the current channel. The current rms values are signed
24-bit values and they are stored into AIRMS[23:0],
BIRMS[23:0] and CIRMS[23:0]. The update rate of the current
rms measurement is 8KHz.
xIRMSOS[23:0]
LPF
x2
xIRMS[23:0]
CURRENT SIGNAL
FROM HPF OR
INTEGRATOR
(IF ENABLED)
0V
0x5A7540=
5,928,256
0xA58AC0=
-5,928,256
27
Figure 36. Current RMS Signal Processing
With the specified full-scale analog input signal of 0.5 V, the
ADC produces an output code that is approximately
±5,928,256. The equivalent rms value of a full-scale sinusoidal
signal is 4,191,910(0x3FF6A6), independent of the line
frequency. If the integrator is enabled, that is when bit 0
(INTEN) in CONFIG[15:0] register is set to 1, the equivalent
rms value of a full-scale sinusoidal signal at 50Hz is
4,191,910(0x3FF6A6) and at 60Hz is 3,493,258(0x354D8A).
The accuracy of the current rms is typically 0.1% error from the
full-scale input down to 1/1000 of the full-scale input. Additionally,
this measurement has a bandwidth of 2 kHz. It is recommended
to read the rms registers synchronous to the voltage zero
crossings to ensure stability. The
1
IRQ interrupt can be used to
indicate when a zero crossing has occurred (see the Interrupts
section).
Table 10 shows the settling time for the IRMS measurement,
which is the time it takes for the rms register to reflect the value
at the input to the current channel.
Table 10. Settling Time for IRMS Measurement
50Hz Input signals
60Hz Input signals
Integrator Off
530msec
530msec
Integrator On
550msec
500msec
As previously stated, the serial ports of the ADE7858 work on
32, 16 or 8-bit words. Similar to the register presented in Figure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com