Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ-REF Datasheet(PDF) 11 Page - Analog Devices

Part # ADE7858ACPZ-REF
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ-REF Datasheet(HTML) 11 Page - Analog Devices

Back Button ADE7858ACPZ-REF Datasheet HTML 7Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 8Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 9Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 10Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 11Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 12Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 13Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 14Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
Preliminary Technical Data
ADE7858
Rev. PrA | Page 11 of 76
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
39
38
36
37
35
34
33
32
29
28
27
26
25
24
23
22
12
13
15
14
16
17
18
19
2
3
4
5
6
7
8
9
ADE7858
TOP VIEW
(not to scale)
VDD
AVDD
DVDD
AGND
DGND
IAP
IAN
IBN
ICP
ICN
NC
NC
VAP
VBP
VCP
IBP
VN
REF
in/out
CLKIN
CLKOUT
SCLK/
SCL
MOSI/
SDA
MISO/
HSD
CF1
CF2
CF3/
HSCLK
PM0
PM1
1
IRQ
0
IRQ
RESET
10
1
40
31
30
21
20
11
NC
NC
NC
NC
NC
NC
NC
NC
/
SS
HSA
Figure 6. ADE7858 Pin Configuration
Table 6. Pin Function Descriptions
Pin
No.
Mnemonic
Description
1,10,11,20,21,30,31,40
NC
These pins are not connected internally.
2
PM0
Power Mode pin 0. For proper operation, this pin should be set to VDD vis a 10kΩ pull-up
resistor.
3
PM1
Power Mode pin 1. This pin defines the power mode of the ADE7858 as described in Table 7.
4
RESET
Reset Input, active low. In PSM0, this pin should stay low for at least 10μsec to trigger a
hardware reset
5
DVDD
This pin provides access to the on-chip 2.5V digital LDO. No external active circuitry should
be connected to this pin. This pin should be decoupled with a 4.7 μF capacitor in parallel
with a ceramic 220 nF capacitor.
6
DGND
This provides the ground reference for the digital circuitry in the ADE7858.
7,8,
9,12,
13,14,
IAP, IAN,
IBP, IBN,
ICP, ICN,
Analog Inputs for Current Channel. This channel is used with the current transducers and is
referenced in this document as the current channel. These inputs are fully differential
voltage inputs with a maximum differential level of ±0.5 V. This channel has also an internal
PGA, for IAx, IBx and ICx.
15,16
NC
Connect to AGND.
17
REFIN/OUT
This pin provides access to the on-chip voltage reference. The on-chip reference has a
nominal value of 1.2 V ± 0.075% and a maximum temperature coefficient of 50 ppm/°C. An
external reference source with 1.2V ± 8% can also be connected at this pin. In either case,
this pin should be decoupled to AGND with a 4.7 μF capacitor in parallel with a ceramic
100nF capacitor. After reset, the on-chip reference is enabled.
18, 19,
22, 23
VN, VCP,
VBP, VAP
Analog Inputs for the Voltage Channel. This channel is used with the voltage transducer and
is referenced as the voltage channel in this document. These inputs are single-ended
voltage inputs with the maximum signal level of ±0.5 V with respect to VN for specified
operation. This channel has also an internal PGA.
24
AVDD
This pin provides access to the on-chip 2.5V analog LDO. No external active circuitry should
be connected to this pin. This pin should be decoupled with a 4.7 μF capacitor in parallel
with a ceramic 220 nF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com