Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ-REF Datasheet(PDF) 57 Page - Analog Devices

Part # ADE7858ACPZ-REF
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ-REF Datasheet(HTML) 57 Page - Analog Devices

Back Button ADE7858ACPZ-REF Datasheet HTML 53Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 54Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 55Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 56Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 57Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 58Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 59Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 60Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 76 page
background image
Preliminary Technical Data
ADE7858
Rev. PrA | Page 57 of 76
REGISTERS LIST
Table 21. ADE7858 Registers List located in DSP data memory RAM
Address
Name
R/W1
Bit
Length
Bit Length
during
Comm2
Type3
Default
Value
Description
0x4380
AIGAIN
R/W
24
32 ZPSE
S
0x000000
Phase A current gain adjust
0x4381
AVGAIN
R/W
24
32 ZPSE
S
0x000000
Phase A voltage gain adjust
0x4382
BIGAIN
R/W
24
32 ZPSE
S
0x000000
Phase B current gain adjust
0x4383
BVGAIN
R/W
24
32 ZPSE
S
0x000000
Phase B voltage gain adjust
0x4384
CIGAIN
R/W
24
32 ZPSE
S
0x000000
Phase C current gain adjust
0x4385
CVGAIN
R/W
24
32 ZPSE
S
0x000000
Phase C voltage gain adjust
0x4386
Reserved
N/A
N/A
N/A
N/A
0x000000
For proper operation, this memory location should
be kept at 0x000000.
0x4387
AIRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase A current rms offset
0x4388
AVRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase A voltage rms offset
0x4389
BIRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase B current rms offset
0x438A
BVRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase B voltage rms offset
0x438B
CIRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase C current rms offset
0x438C
CVRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase C voltage rms offset
0x438D
Reserved
N/A
N/A
N/A
N/A
0x000000
For proper operation, this memory location should
be kept at 0x000000.
0x438E
AVAGAIN
R/W
24
32 ZPSE
S
0x000000
Phase A apparent power gain adjust
0x438F
BVAGAIN
R/W
24
32 ZPSE
S
0x000000
Phase B apparent power gain adjust
0x4390
CVAGAIN
R/W
24
32 ZPSE
S
0x000000
Phase C apparent power gain adjust
0x4391
AWGAIN
R/W
24
32 ZPSE
S
0x000000
Phase A total active power gain adjust
0x4392
AWATTOS
R/W
24
32 ZPSE
S
0x000000
Phase A total active power offset adjust
0x4393
BWGAIN
R/W
24
32 ZPSE
S
0x000000
Phase B total active power gain adjust
0x4394
BWATTOS
R/W
24
32 ZPSE
S
0x000000
Phase B total active power offset adjust
0x4395
CWGAIN
R/W
24
32 ZPSE
S
0x000000
Phase C total active power gain adjust
0x4396
CWATTOS
R/W
24
32 ZPSE
S
0x000000
Phase C total active power offset adjust
0x4397
AVARGAIN
R/W
24
32 ZPSE
S
0x000000
Phase A total reactive power gain adjust
0x4398
AVAROS
R/W
24
32 ZPSE
S
0x000000
Phase A total reactive power offset adjust
0x4399
BVARGAIN
R/W
24
32 ZPSE
S
0x000000
Phase B total reactive power gain adjust
0x439A
BVAROS
R/W
24
32 ZPSE
S
0x000000
Phase B total reactive power offset adjust
0x439B
CVARGAIN
R/W
24
32 ZPSE
S
0x000000
Phase C total reactive power gain adjust
0x439C
CVAROS
R/W
24
32 ZPSE
S
0x000000
Phase C total reactive power offset adjust
0x439D-
0x43A8
Reserved
N/A
N/A
N/A
N/A
0x000000
These memory locations should be kept at
0x000000 for proper operation
0x43A9
VATHR1
R/W
24
32 ZP
U
0x000000
Most significant 24 bits of VATHR[47:0] threshold
used in phase apparent power data path.
0x43AA
VATHR0
R/W
24
32 ZP
U
0x000000
Less significant 24 bits of VATHR[47:0] threshold
used in phase apparent power data path.
0x43AB
WTHR1
R/W
24
32 ZP
U
0x000000
Most significant 24 bits of WTHR[47:0] threshold
used in phase total/fundamental active power data
path.
0x43AC
WTHR0
R/W
24
32 ZP
U
0x000000
Less significant 24 bits of WTHR[47:0] threshold
used in phase total/fundamental active power data
path.
0x43AD
VARTHR1
R/W
24
32 ZP
U
0x000000
Most significant 24 bits of VARTHR[47:0] threshold
used in phase total/fundamental reactive power
data path.
0x43AE
VARTHR0
R/W
24
32 ZP
U
0x000000
Less significant 24 bits of VARTHR[47:0] threshold
used in phase total/fundamental reactive power
data path.
0x43AF
reserved
N/A
N/A
N/A
N/A
0x000000
This memory location should be kept at 0x000000
for proper operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com