Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ-REF Datasheet(PDF) 24 Page - Analog Devices

Part # ADE7858ACPZ-REF
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ-REF Datasheet(HTML) 24 Page - Analog Devices

Back Button ADE7858ACPZ-REF Datasheet HTML 20Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 21Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 22Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 23Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 24Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 25Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 26Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 27Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 24 of 76
The ADE7858 contains a High Speed Data Capture (HSDC)
port that is specially designed to provide fast access to the
waveform sample registers. See HSDC Interface section for
more details.
CHANGING PHASE VOLTAGE DATA PATH
The ADE7858 may direct one phase voltage input to the
computational data path of another phase. For example, phase
A voltage may be introduced in the phase B computational data
path, which means all powers computed by the ADE7858 in
phase B are based on phase A voltage and phase B current.
Bits 9-8 (VTOIA[1:0]) of CONFIG[15:0] register manage the
phase A voltage measured at VA pin. If VTOIA[1:0]=00 (default
value), the voltage is directed to phase A computational data
path, if VTOIA[1:0]=01, the voltage is directed to phase B path
and if VTOIA[1:0]=10, the voltage is directed to phase C path.
If VTOIA[1:0]=11, the ADE7858 behaves as if VTOIA[1:0]=00.
Bits 11-10 (VTOIB[1:0]) of CONFIG[15:0] register manage the
phase B voltage measured at VB pin. If VTOIB[1:0]=00 (default
value), the voltage is directed to phase B computational data
path, if VTOIB[1:0]=01, the voltage is directed to phase C path
and if VTOIB[1:0]=10, the voltage is directed to phase A path.
If VTOIB[1:0]=11, the ADE7858 behaves as if VTOIB[1:0]=00.
Bits 13-12 (VTOIC[1:0]) of CONFIG[15:0] register manage the
phase C voltage measured at VC pin. If VTOIC[1:0]=00 (default
value), the voltage is directed to phase C computational data
path, if VTOIC[1:0]=01, the voltage is directed to phase A path
and if VTOIC[1:0]=10, the voltage is directed to phase B path.
If VTOIC[1:0]=11, the ADE7858 behaves as if VTOIC[1:0]=00.
v
A
i
A
APHCAL
Phase A
Computational
data path
v
B
i
B
BPHCAL
Phase B
Computational
data path
v
C
i
C
CPHCAL
Phase C
Computational
data path
VTOIA[1:0]=01,
Phase A voltage
directed to phase B
VTOIB[1:0]=01,
Phase B voltage
directed to phase C
VTOIC[1:0]=01,
Phase C voltage
directed to phase A
Figure 23.Phase voltages used in different data paths
Figure 23 presents the case in which phase A voltage is used in
the phase B data path, phase B voltage is used in phase C data
path and phase C voltage is used in phase A data path.
POWER QUALITY MEASUREMENTS
Zero Crossing Detection
The ADE7858 has a zero-crossing (ZX) detection circuit on the
current and voltage channels. Zero-crossing events are used as a
time base for various power quality measurements and in the
calibration process.
A zero-crossing is generated from the output of LPF1. The low
pass filter is intended to eliminate all harmonics of 50Hz and
60Hz systems and help identify the zero crossing events on the
fundamental components of both current and voltage channels.
The digital filter has a pole at 80Hz and is clocked at 256KHz.
As a result, there is a phase lag between the analog input signal
(one of IA, IB, IC, VA, VB and VC) and the output of LPF1. The
error in ZX detection is 0.07° for 50Hz systems (0.085° for 60Hz
systems). The phase lag response of LPF1 results in a time delay
of approximately 31.4° or 1.74msec (@ 50 Hz) between its input
and output. The overall delay between the zero crossing on the
analog inputs and ZX detection obtained after LPF1 is around
39.6° or 2.2 msec (@ 50 Hz). The ADC and HPF introduce the
additional delay. The LPF1 cannot be disabled to assure a good
resolution of the ZX detection. Figure 24 shows how the zero-
crossing signal is detected.
PGA
ADC
REFERENCE
GAIN[23:0]
HPF
DSP
LPF1
ZX
DETECTION
IA, IB, IC
or
VA, VB, VC
IA, IB, IC, IN
or
VA, VB, VC
0V
1
LPF1 output
0.855
39.6 deg or 2.2msec
@ 50Hz
ZX
ZX
ZX
ZX
HPFDIS[23:0]
Figure 24. Zero-Crossing Detection on Voltage and Current channels
In order to provide further protection from noise, input signals to
the voltage channel with amplitude lower than 10% of full scale do
not generate zero crossing events at all. The current channel ZX
detection circuit is active for all input signals independent of their
amplitude.
The ADE7858 contains six zero crossing detection circuits, one
for each phase voltage and current channel. Each circuit drives
one flag in STATUS1[31:0] register. If circuit placed in phase A
voltage channel detects one zero crossing event, then bit 9
(ZXVA) in STATUS1[31:0] register is set to 1. Similarly, phase B
voltage circuit drives bit 10 (ZXVB), phase C voltage circuit
drives bit 11 (ZXVC) and circuits placed in the current channel
drive bit 12 (ZXIA), bit 13 (ZXIB) and bit 14 (ZXIC). If a ZX
detection bit is set in the MASK1[31:0] register, the
1
IRQ interrupt pin is driven low and the corresponding status
flag is set to 1. The status bit is cleared and
1
IRQ
pin is set back
high by writing STATUS1 register with the status bit set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com