Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ-REF Datasheet(PDF) 16 Page - Analog Devices

Part # ADE7858ACPZ-REF
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ-REF Datasheet(HTML) 16 Page - Analog Devices

Back Button ADE7858ACPZ-REF Datasheet HTML 12Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 13Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 14Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 15Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 16Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 17Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 18Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 19Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 16 of 76
POWER MANAGEMENT
The ADE7858 has two modes of operation, determined by the
state of PM0 and PM1 pins (see Table 7). These pins provide a
complete control of ADE7858 operation and could easily be
connected to an external microprocessor I/O. The PM1 pin has
an internal pull up resistor. Table 8 lists actions that are
recommended before and after setting a new power mode.
Table 9 presents actions that are recommended before and after
setting a new power mode.
Table 7. ADE7858 Power Supply Modes
Power Supply Modes
PM1
PSM0 – normal power mode
0
PSM3 – sleep mode
1
PSM0 – Normal Power Mode
In PSM0 mode, the ADE7858 is fully functional. The PM1 pin
is set to low for the ADE7858 to enter this mode.
If the ADE7858 is in PSM3 mode and is switched into PSM0
mode, all control registers take the default values with the
exception of CONFIG2[7:0] register that maintains its value.
The ADE7858 signals the end of the transition period by
triggering
1
IRQ interrupt pin low and setting bit 15
(RSTDONE) in STATUS1[31:0] register to 1. This bit is 0
during the transition period and becomes 1 when the transition
is finished. The status bit is cleared and
1
IRQ pin is set back
high by writing STATUS1[31:0] register with the corresponding
bit set to 1. The bit 15 (RSTDONE) in interrupt mask register
does not have any functionality attached even if
1
IRQ pin goes
low when bit 15 (RSTDONE) in STATUS1[31:0] is set to 1. This
makes RSTDONE interrupt unmaskable.
PSM3 – Sleep Mode
In this mode, ADE7858 has most of the internal circuits of the
ADE7854 are turned off and the current consumption is the
lowest. The I2C, HSDC or SPI ports are not functional during
this mode. The pins RESET , SCLK/SCL, MOSI/SDA and
SS
/HSA should be set high.
Power Up Procedure
The ADE7858 contains an on-chip power supply monitor that
supervises the power supply VDD. At power up, until VDD
reaches 2V ± 10%, the chip is in an inactive state. As VDD
crosses this threshold, the power supply monitor keeps the chip
in this inactive state for 26msec more, allowing VDD to achieve
3.3V-10%, the minimum recommended supply voltage. As PM1
pin has an internal pull up resistors and the external
microprocessor keeps it high, the ADE7858 always powers up
in sleep mode PSM3. Then, an external circuit (i.e.
microprocessor) sets PM1 pin to low level, allowing the
ADE7858 to enter normal mode PSM0. The passage from
PSM3 mode in which most of the internal circuitry is turned off
to PSM0 mode in which all functionality is enabled is done in
less than 40msec. See Figure 8 for details.
ADE7858
Powered UP
2.0V+/-10%
3.3V-10%
ADE7858
enters PSM3
0V
26msec
POR timer
turned ON
Microprocessor
makes the
choice between
I2C and SPI
RSTDONE
interrupt
triggered
ADE7858
PSM0 ready
Microprocessor
sets ADE7858
in PSM0
40msec
Figure 8. ADE7858 power up procedure
As the ADE7858 enters PSM0 mode, the I2C port is the active
serial port. If the SPI port is used, then the SS pin must be
toggled three times high to low. This action selects the
ADE7858 into using the SPI port for further use. If I2C is the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com