Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ-REF Datasheet(PDF) 49 Page - Analog Devices

Part # ADE7858ACPZ-REF
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ-REF Datasheet(HTML) 49 Page - Analog Devices

Back Button ADE7858ACPZ-REF Datasheet HTML 45Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 46Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 47Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 48Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 49Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 50Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 51Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 52Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
Preliminary Technical Data
ADE7858
Rev. PrA | Page 49 of 76
bi(0) =1, i=0, 1, 2,…, 31, the initial state of the bits that form the
CRC. b0 is the less significant bit, b31 is the most significant.
gi, i=0,1,2,…,31 are the coefficients of the generating
polynomial defined by IEEE802.3 standard:
1
x
x
x
x
x
x
x
x
x
x
x
x
x
x
)
x
(
G
2
4
5
7
8
10
11
12
16
22
23
26
32
(45)
1
g
g
g
g
g
g
g
1
g
g
g
g
g
g
26
22
16
12
11
10
8
7
5
4
2
1
0
(46)
All the other gi coefficients are equal to 0.
)
1
j
(
b
a
)
j
(
FB
31
1
j
(47)
0
0
g
)
j
(
FB
)
j
(
b
(48)
31
,...,
3
,
2
,
1
i
),
1
j
(
b
g
)
j
(
FB
)
j
(
b
1
i
i
i
(49)
The operations  and  represent the logic XOR and AND.
The equations (47), (48) and (49) have to be repeated for j=1,
2,…, 256. The value written into CHECKSUM[31:0] register
contains the bits bi(256),i=0,1,…,31. The value of the CRC after
the bits from the reserved internal register have passed through
LFSR is 0x23F7C7B1. It is obtained at step j=48.
Two different approaches may be followed in using the
CHECKSUM register. One is to compute the CRC based on the
relations (45) - (49) and then compare the value against the
CHECKSUM register. Another is to periodically read the
CHECKSUM[31:0] register. If two consecutive readings differ,
then it may be safely assumed that one of the registers has
changed value and therefore, the ADE7858 has changed
configuration. The recommended response is to initiate a
hardware/software reset that sets the values of all registers to the
default, including the reserved ones, and then reinitialize the
configuration registers.
+
MASK0
MASK1
COMPMODE
GAIN
internal reg
CFMODE
0
70
70
70
70
7
0
7
0
15
0
15
0
31
31
0
LFSR
generator
internal reg
internal reg
internal reg
internal reg
internal reg
15
0
0
7
8
16
24
32
40
255
248
240
232
224
216
Figure 56. CHECKSUM[31:0] register calculation
b
0
b
1
+
g
0
g
1
+
g
2
b
2
+
g
3
+
g
31
b
31
+
a
255,a254,...,a2,a1,a0
LFSR
FB
Figure 57.LFSR generator used in CHECKSUM[31:0] register calculation
INTERRUPTS
The ADE7858 has two interrupt pins,
0
IRQ and
1
IRQ . Each
of them is managed by a 32-bit interrupt mask register,
MASK0[31:0], respective MASK1[31:0]. To enable an interrupt,
a bit in MASKx[31:0] register has to be set to 1. To disable it, the
bit has to be cleared to 0. Two 32-bit status registers,
STATUS0[31:0] and STATUS1[31:0] are associated with the
interrupts. When an interrupt event occurs in the ADE7858, the
corresponding flag in the interrupt status register is set to a
Logic 1 (see Table 28 and Table 29). If the mask bit for this
interrupt in the interrupt mask register is Logic 1, then the
IRQx logic output goes active low. The flag bits in the interrupt
status register are set irrespective of the state of the mask bits.
To determine the source of the interrupt, the MCU should
perform a read of corresponding STATUSx register and identify
which bit is 1. To erase the flag in the status register, STATUSx
should be written back with the flag set to 1. Practically, after an
interrupt pin goes low, the status register is read and the source
of the interrupt is identified. Then, the status register is written
back without any change to cancel the status flag. The IRQx pin
remains low until the status flag is cancelled.
By default, all interrupts are disabled. RSTDONE interrupt is an
exception. This interrupt can never be masked (disabled) and
therefore bit 15 (RSTDONE) in MASK1[31:0] register does not
have any functionality.
1
IRQ pin always goes low and bit 15
(RSTDONE) in STATUS1[31:0] is set to 1 whenever a power up
or a hardware/software reset process ends. To cancel the status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com