Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ-REF Datasheet(PDF) 66 Page - Analog Devices

Part # ADE7858ACPZ-REF
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ-REF Datasheet(HTML) 66 Page - Analog Devices

Back Button ADE7858ACPZ-REF Datasheet HTML 62Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 63Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 64Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 65Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 66Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 67Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 68Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 69Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 66 of 76
Bit
Location
Bit
Mnemonic
Default
value
Description
1
Reserved
0
This bit does not manage any functionality.
2
VANLOAD
0
When this bit is set to 1, it enables an interrupt when at least one phase enters no-load condition
based on apparent power.
3
ZXTOVA
0
When this bit is set to 1, it enables an interrupt when a zero crossing on phase A voltage misses.
4
ZXTOVB
0
When this bit is set to 1, it enables an interrupt when a zero crossing on phase B voltage misses.
5
ZXTOVC
0
When this bit is set to 1, it enables an interrupt when a zero crossing on phase C voltage misses.
6
ZXTOIA
0
When this bit is set to 1, it enables an interrupt when a zero crossing on phase A current misses.
7
ZXTOIB
0
When this bit is set to 1, it enables an interrupt when a zero crossing on phase B current is missing.
8
ZXTOIC
0
When this bit is set to 1, it enables an interrupt when a zero crossing on phase C current is missing.
9
ZXVA
0
When this bit is set to 1, it enables an interrupt when a zero crossing is detected on phase A voltage.
10
ZXVB
0
When this bit is set to 1, it enables an interrupt when a zero crossing is detected on phase B voltage.
11
ZXVC
0
When this bit is set to 1, it enables an interrupt when a zero crossing is detected on phase C voltage.
12
ZXIA
0
When this bit is set to 1, it enables an interrupt when a zero crossing is detected on phase A current.
13
ZXIB
0
When this bit is set to 1, it enables an interrupt when a zero crossing is detected on phase B current.
14
ZXIC
0
When this bit is set to 1, it enables an interrupt when a zero crossing is detected on phase C current.
15
RSTDONE
0
Because the RSTDONE interrupt cannot be disabled, this bit does not have any functionality
attached. It can be set to 1 or cleared to 0 without having any effect.
16
SAG
0
When this bit is set to 1, it enables an interrupt when a SAG event occurs on one of the phases
indicated by bits 14-12 (VSPHASE) in PHSTATUS[15:0] register (see Table 32).
17
OI
0
When this bit is set to 1, it enables an interrupt when an overcurrent event occurs on one of the
phases indicated by bits 5-3 (OIPHASE) in PHSTATUS[15:0] register (see Table 32).
18
OV
0
When this bit is set to 1, it enables an interrupt when an overvoltage event occurs on one of the
phases indicated by bits 11-9 (OVPHASE) in PHSTATUS[15:0] register (see Table 32).
19
SEQERR
0
When this bit is set to 1, it enables an interrupt when a negative to positive zero crossing on phase
A voltage is not followed by a negative to positive zero crossing on phase B voltage, but by a
negative to positive zero crossing on phase C voltage.
20,22,21
Reserved
00
Reserved. These bits do not manage any functionality.
23
PKI
0
When this bit is set to 1, it enables an interrupt when the period used to detect the peak value in
the current channel has ended.
24
PKV
0
When this bit is set to 1, it enables an interrupt when the period used to detect the peak value in
the voltage channel has ended.
31:25
Reserved
000 0000
Reserved. These bits do not manage any functionality.
Table 32. PHSTATUS register (address 0xE600)
Bit Location
Bit Mnemonic
Default value
Description
2-0
Reserved
000
Reserved . These bits are always 0.
3
OIPHASE[0]
0
When this bit is set to 1, phase A current generated bit 17 (OI) in STATUS1[31:0]
4
OIPHASE[1]
0
When this bit is set to 1, phase B current generated bit 17 (OI) in STATUS1[31:0]
5
OIPHASE[2]
0
When this bit is set to 1, phase C current generated bit 17 (OI) in STATUS1[31:0]
8-6
Reserved
000
Reserved. These bits are always 0.
9
OVPHASE[0]
0
When this bit is set to 1, phase A voltage generated bit 18 (OV) in STATUS1[31:0]
10
OVPHASE[1]
0
When this bit is set to 1, phase B voltage generated bit 18 (OV) in STATUS1[31:0]
11
OVPHASE[2]
0
When this bit is set to 1, phase C voltage generated bit 18 (OV) in STATUS1[31:0]
12
VSPHASE[0]
0
When this bit is set to 1, phase A voltage generated bit 16 (SAG) in STATUS1[31:0]
13
VSPHASE[1]
0
When this bit is set to 1, phase B voltage generated 16 (SAG) in STATUS1[31:0]
14
VSPHASE[2]
0
When this bit is set to 1, phase C voltage generated 16 (SAG) in STATUS1[31:0]
15
Reserved
0
Reserved . This bit is always 0.
Table 33. PHNOLOAD register (address 0xE608)
Bit
Location
Bit
Mnemonic
Default
value
Description
0
NLPHASE[0]
0
-0: phase A is out of no-load condition based on total active/reactive powers.
-1: phase A is in no load condition based on total active/reactive powers. Bit set together with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com