Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ-REF Datasheet(PDF) 48 Page - Analog Devices

Part # ADE7858ACPZ-REF
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ-REF Datasheet(HTML) 48 Page - Analog Devices

Back Button ADE7858ACPZ-REF Datasheet HTML 44Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 45Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 46Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 47Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 48Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 49Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 50Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 51Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 48 of 76
Inoload, the minimum rms value of phase current the meter starts
measuring.
VARNOLOAD[23:0] contains usually the same value as
APNOLOAD[23:0]. When APNOLOAD and VARNOLOAD
are set to negative values, the no-load detection circuit is
disabled.
As previously stated, the serial ports of the ADE7858 work on
32, 16 or 8-bit words and the DSP works on 28 bits.
APNOLOAD and VARNOLOAD 24-bit signed registers are
accessed as 32-bit registers with 4 most significant bits padded
with 0s and sign extended to 28 bits. See Figure 15 for details.
Bit 0 (NLOAD) in STATUS1[31:0] register is set when this no-
load condition in one of the three phases is triggered. Bits 2, 1, 0
(NLPHASE[2:0]) in PHNOLOAD[15:0] register indicate the
state of all phases relative to no-load condition and are set
simultaneously with bit NLOAD in STATUS1[31:0].
NLPHASE[0] indicates the state of phase A , NLPHASE[1] the
state of phase B, NLPHASE[2] the state of phase C. When bit
NLPHASE[x], x=0, 1, 2 is cleared to 0, it means the phase is out
of no-load condition. When set to 1, it means the phase is in
no-load condition.
An interrupt attached to the bit 0 (NLOAD) in STATUS1[31:0]
may be enabled by setting bit 0 in MASK1[31:0] register. If
enabled, the
1
IRQ pin is set low and the status bit is set to 1
whenever one of three phases enters or exits this no-load
condition. To find the phase that triggered the interrupt,
PHNOLOAD[15:0] register is read immediately after reading
STATUS1[31:0]. Then the status bit is cleared and
1
IRQ pin is
set back high by writing STATUS1 register with the
corresponding bit set to 1.
No-load detection based on apparent power
This no-load condition is triggered when the absolute value of
phase apparent power is less than or equal to the threshold
indicated in VANOLOAD[23:0] 24-bit signed register. In this
case, the apparent energy of that phase is not accumulated and
no CF pulses are generated based on this energy. VANOLOAD
represents the positive no-load level of apparent power relative
to PMAX, the maximum apparent power obtained when full
scale voltages and currents are provided at ADC inputs. The
expression used to compute VANOLOAD[23:0] signed 24-bit
value is:
PMAX
I
I
U
U
VANOLOAD
FS
noload
FS
n
where: PMAX=33,516,139=0x1FF6A6B, the instantaneous
apparent power computed when the ADC inputs are at full scale
UFS, IFS, the rms values of phase voltages and currents when the
ADC inputs are at full scale.
Un, the nominal rms value of phase voltage.
Inoload, the minimum rms value of phase current the meter starts
measuring.
When VANOLOAD[23:0] is set to negative values, the no load
detection circuit is disabled.
As previously stated, the serial ports of the ADE7858 work on
32, 16 or 8-bit words and the DSP works on 28 bits. Similar to
registers presented inFigure 15, VANOLOAD 24-bit signed
register is accessed as a 32-bit registers with 4 most significant
bits padded with 0s and sign extended to 28 bits.
Bit 2 (VANLOAD) in STATUS1[31:0] register is set when this
no-load condition in one of the three phases is triggered. Bits 8,
7, 6 (VANLPHASE[2:0]) in PHNOLOAD[15:0] register indicate
the state of all phases relative to no-load condition and are set
simultaneously with bit VANLOAD in STATUS1[31:0].
VANLPHASE[0] indicates the state of phase A ,
VANLPHASE[1] the state of phase B, VANLPHASE[2] the state
of phase C. When bit VANLPHASE[x], x=0, 1, 2 is cleared to 0,
it means the phase is out of no-load condition. When set to 1, it
means the phase is in no-load condition.
An interrupt attached to the bit 2 (VANLOAD) in
STATUS1[31:0] may be enabled by setting bit 2 in
MASK1[31:0] register. If enabled, the
1
IRQ pin is set low and
the status bit is set to 1 whenever one of three phases enters or
exits this no-load condition. To find the phase that triggered the
interrupt, PHNOLOAD[15:0] register is read immediately after
reading STATUS1[31:0]. Then the status bit is cleared and
1
IRQ pin is set back high by writing STATUS1 register with the
corresponding bit set to 1.
CHECKSUM REGISTER
The ADE7858 has a checksum 32-bit register
CHECKSUM[31:0] that ensures certain very important
configuration registers maintain their desired value during
normal power mode PSM0.
The registers covered by this register are MASK0[31:0],
MASK1[31:0], COMPMODE[15:0], GAIN[15:0],
CFMODE[15:0], CF1DEN[15:0], CF2DEN[15:0],
CF3DEN[15:0], CONFIG[15:0], MMODE[7:0],
ACCMODE[7:0], LCYCMODE[7:0], HSDC_CFG[7:0] and
other six 8-bit reserved internal registers that always have
default values. The ADE7858 computes the cyclic redundancy
check (CRC) based on the IEEE802.3 standard. The registers
are introduced one by one into a linear feedback shift register
(LFSR) based generator starting with the less significant bit (as
presented in Figure 56). The 32-bit result is written in
CHECKSUM[31:0] register. After power up or a
hardware/software reset, the CRC is computed on the default
values of the registers. The result is 0x93D774E6.
Figure 57 presents how LFSR works. Bits a0, a1,…, a255 represent
the bits from the list of registers presented above. a0 is the less
significant bit of the first internal register to enter LFSR, a255 is
the most significant bit of MASK0[31:0] register, the last
register to enter LFSR. The equations that govern LFSR are
presented below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com