Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ-REF Datasheet(PDF) 34 Page - Analog Devices

Part # ADE7858ACPZ-REF
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ-REF Datasheet(HTML) 34 Page - Analog Devices

Back Button ADE7858ACPZ-REF Datasheet HTML 30Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 31Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 32Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 33Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 34Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 35Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 36Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 37Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 34 of 76
0.1
1
3
10
-25
-20
-15
-10
-5
0
Figure 40. Frequency Response of the LPF Used
to Filter Instantaneous Power in Each Phase
The ADE7858 stores the instantaneous total phase active
powers into AWATT[23:0], BWATT[23:0] and CWATT[23:0]
registers. Their expression is:

4
1
2
1
cos
PMAX
I
I
U
U
xWATT
k
k
k
FS
k
FS
k
(19)
where: x=A, B, C,
UFS, IFS are the rms values of the phase voltage and current when
the ADC inputs are at full scale.
PMAX=33,516,139 is the instantaneous power computed when
the ADC inputs are at full scale and in phase.
The xWATT[23:0], x=A, B, C waveform registers may be
accessed using various serial ports. Refer to Waveform
Sampling Mode chapter for more details.
Active Power Gain Calibration
Note that the average active power result from the LPF2 output
in each phase can be scaled by ±100% by writing to the phase’s
watt gain 24-bit register (AWGAIN[23:0], BWGAIN[23:0],
CWGAIN[23:0]). xWGAIN, x=A,B,C registers are placed in
each phase of the total active power data path. The watt gain
registers are twos complement, signed registers and have a
resolution of 2-23/LSB. Equation (20) describes mathematically
the function of the watt gain registers.


23
2
gister
Gain
Watt
1
Output
2
LPF
Data
Power
Average
Re
(20)
The output is scaled by −50% by writing 0xC00000 to the watt
gain registers and increased by +50% by writing 0x400000 to
them. These registers can be used to calibrate the active power
(or energy) calculation in the ADE7858 for each phase.
As previously stated, the serial ports of the ADE7858 work on
32, 16 or 8-bit words and the DSP works on 28 bits. Similar to
registers presented in Figure 15, AWGAIN, BWGAIN,
CWGAIN 24-bit signed registers are accessed as 32-bit registers
with 4 most significant bits padded with 0s and sign extended
to 28 bits.
Active Power Offset Calibration
The ADE7858 also incorporates a watt offset 24-bit register on
each phase and on each active power. AWATTOS[23:0],
BWATTOS[23:0], and CWATTOS[23:0] registers compensate
the offsets in the total active power calculations. These are
signed twos complement, 24-bit registers that are used to
remove offsets in the active power calculations. An offset can
exist in the power calculation due to crosstalk between channels
on the PCB or in the chip itself. The offset calibration allows the
contents of the active power register to be maintained at 0 when
no power is being consumed. One LSB in the active power
offset register is equivalent to 1 LSB in the active power
multiplier output. With full scale current and voltage inputs, the
LPF2 output is PMAX=33,516,139. At -80dB down from the
full scale (active power scaled down 104 times), one LSB of the
active power offset register represents 0.032% of PMAX.
As previously stated, the serial ports of the ADE7858 work on
32, 16 or 8-bit words and the DSP works on 28 bits. Similar to
registers presented in Figure 15, AWATTOS, BWATTOS,
CWATTOS 24-bit signed registers are accessed as 32-bit
registers with 4 most significant bits padded with 0s and sign
extended to 28 bits.
Sign of Active Power Calculation
Note that the average active power is a signed calculation. If the
phase difference between the current and voltage waveform is
more than 90°, the average power becomes negative. Negative
power indicates that energy is being injected back on the grid.
The ADE7858 has a sign detection circuitry for total active
power calculations. As will be seen in the Active Energy
Calculation section, the active energy accumulation is
performed in two stages. Every time a sign change is detected in
the energy accumulation at the end of the first stage, that is after
the energy accumulated into the internal accumulator reaches
WTHR[47:0] threshold, a dedicated interrupt is triggered. The
sign of each phase active power may be read in PHSIGN[15:0]
register.
Bits 8, 7, 6 (REVAPC, REVAPB and respectively REVAPA) in
STATUS0[31:0] are set when a sign change occurs in the
corresponding phase total active power.
Bits 2, 1, 0 (CWSIGN, BWSIGN and respectively AWSIGN) in
PHSIGN[15:0] register are set simultaneously with REVAPC,
REVAPB and REVAPA bits. They indicate the sign of the power.
When they are 0, the corresponding power is positive. When
they are 1, the corresponding power is negative.
Bit REVAPx of STATUS0[31:0] and bit xWSIGN in
PHSIGN[15:0] refer to the total active power of phase x, x=A,B
or C.
Interrupts attached to the bits 8, 7, 6 (REVAPC, REVAPB and
respectively REVAPA) in STATUS0[31:0] register may be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com