Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ-REF Datasheet(PDF) 58 Page - Analog Devices

Part # ADE7858ACPZ-REF
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ-REF Datasheet(HTML) 58 Page - Analog Devices

Back Button ADE7858ACPZ-REF Datasheet HTML 54Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 55Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 56Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 57Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 58Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 59Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 60Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 61Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 58 of 76
Address
Name
R/W1
Bit
Length
Bit Length
during
Comm2
Type3
Default
Value
Description
0x43B0
VANOLOAD
R/W
24
32 ZPSE
S
0x0000000
No-load threshold in the apparent power data path
0x43B1
APNOLOAD
R/W
24
32 ZPSE
S
0x0000000
No-load threshold in the total/fundamental active
power data path
0x43B2
VARNOLOAD
R/W
24
32 ZPSE
S
0x0000000
No-load threshold in the total/fundamental reactive
power data path
0x43B3-
0x43B4
reserved
0x000000
These locations should not be written for proper
operation
0x43B5
DICOEFF
R/W
24
32 ZPSE
S
0x0000000
Register used in the digital integrator algorithm. If
the integrator is turned on, it must be set at
0xFF8000
0x43B6
HPFDIS
R/W
24
32 ZP
U
0x000000
Disables/enables the HPF in the current data path
(see Table 25)
0x43B7-
0x43BF
reserved
0x000000
These memory locations should be kept at
0x000000 for proper operation
0x43C0
AIRMS
R
24
32 ZP
S
NA
Phase A current rms value
0x43C1
AVRMS
R
24
32 ZP
S
NA
Phase A voltage rms value
0x43C2
BIRMS
R
24
32 ZP
S
NA
Phase B current rms value
0x43C3
BVRMS
R
24
32 ZP
S
NA
Phase B voltage rms value
0x43C4
CIRMS
R
24
32 ZP
S
NA
Phase C current rms value
0x43C5
CVRMS
R
24
32 ZP
S
NA
Phase C voltage rms value
0x43C6-
0x43FF
reserved
0x000000
These memory locations should not be written for
proper operation
1 R=read
W=write
2 32 ZPSE=24-bit signed register that is transmitted as a 32-bit word with 4 most significant bits padded with 0s and sign extended to 28bits
32 ZP=28 or 24-bit signed or unsigned register that is transmitted as a 32-bit word with 4 or respectively 8 most significant bits padded with 0s
3 U=unsigned register
S=signed register in two’s complement format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com