Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ-REF Datasheet(PDF) 64 Page - Analog Devices

Part # ADE7858ACPZ-REF
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ-REF Datasheet(HTML) 64 Page - Analog Devices

Back Button ADE7858ACPZ-REF Datasheet HTML 60Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 61Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 62Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 63Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 64Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 65Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 66Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 67Page - Analog Devices ADE7858ACPZ-REF Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 64 of 76
Bit
Location
Bit
Mnemonic
Default
value
Description
low pulse has been generated. The bit is set even if the CF2 output is disabled by setting bit 10
(CF2DIS) to 1 in CFMODE[15:0] register. The type of the powers used at CF2 pin is determined by bits
5-3 (CF2SEL) in CFMODE[15:0] register (see Table 36).
16
CF3
When this bit is set to 1, it indicates a high to low transition has occurred at CF3 pin, that is an active
low pulse has been generated. The bit is set even if the CF3 output is disabled by setting bit 11
(CF3DIS) to 1 in CFMODE[15:0] register. The type of the powers used at CF3 pin is determined by bits
8-6 (CF3SEL) in CFMODE[15:0] register (see Table 36).
17
DREADY
0
When this bit is set to 1, it indicates that all periodical (at 8KHz rate) DSP computations have
finished.
18
REVPSUM3
0
When this bit is set to 1, it indicates that the sum of all phase powers in the CF3 data path has
changed sign. The sign itself is indicated in bit 8 (SUM3SIGN) of PHSIGN[15:0] register (see Table 38).
31-19
Reserved
0 0000
0000
0000
Reserved. These bits are always 0.
Table 29. STATUS1 register (address 0xE503)
Bit
Location
Bit
Mnemonic
Default
value
Description
0
NLOAD
0
When this bit is set to 1, it indicates that at least one phase entered no-load condition based on total
active and reactive powers. The phase is indicated in bits 2-0 (NLPHASE) in PHNOLOAD[15:0] register
(see Table 33).
1
Reserved
0
This bit is always set to 0.
2
VANLOAD
0
When this bit is set to 1, it indicates that at least one phase entered no-load condition based on
apparent power. The phase is indicated in bits 8-6 (VANLPHASE) in PHNOLOAD[15:0] register (see
Table 33).
3
ZXTOVA
0
When this bit is set to 1, it indicates a zero crossing on phase A voltage is missing.
4
ZXTOVB
0
When this bit is set to 1, it indicates a zero crossing on phase B voltage is missing.
5
ZXTOVC
0
When this bit is set to 1, it indicates a zero crossing on phase C voltage is missing.
6
ZXTOIA
0
When this bit is set to 1, it indicates a zero crossing on phase A current is missing.
7
ZXTOIB
0
When this bit is set to 1, it indicates a zero crossing on phase B current is missing.
8
ZXTOIC
0
When this bit is set to 1, it indicates a zero crossing on phase C current is missing.
9
ZXVA
0
When this bit is set to 1, it indicates a zero crossing has been detected on phase A voltage.
10
ZXVB
0
When this bit is set to 1, it indicates a zero crossing has been detected on phase B voltage.
11
ZXVC
0
When this bit is set to 1, it indicates a zero crossing has been detected on phase C voltage.
12
ZXIA
0
When this bit is set to 1, it indicates a zero crossing has been detected on phase A current.
13
ZXIB
0
When this bit is set to 1, it indicates a zero crossing has been detected on phase B current.
14
ZXIC
0
When this bit is set to 1, it indicates a zero crossing has been detected on phase C current.
15
RSTDONE
1
In case of a software reset command, bit 7 (SWRST) set to 1 in CONFIG[15:0] register, or a transition
from PSM1, PSM2 or PSM3 to PSM0, or a hardware reset, this bit is set to 1 at the end of the transition
process and after all registers changed value to default.
1
IRQ pin goes low to signal this moment
because this interrupt cannot be disabled.
16
SAG
0
When this bit is set to 1, it indicates a SAG event has occurred on one of the phases indicated by bits
14-12 (VSPHASE) in PHSTATUS[15:0] register (see Table 32).
17
OI
0
When this bit is set to 1, it indicates an overcurrent event has occurred on one of the phases
indicated by bits 5-3 (OIPHASE) in PHSTATUS[15:0] register (see Table 32).
18
OV
0
When this bit is set to 1, it indicates an overvoltage event has occurred on one of the phases
indicated by bits 11-9 (OVPHASE) in PHSTATUS[15:0] register (see Table 32).
19
SEQERR
0
When this bit is set to 1, it indicates a negative to positive zero crossing on phase A voltage was not
followed by a negative to positive zero crossing on phase B voltage, but by a negative to positive
zero crossing on phase C voltage.
20
Reserved
0
Reserved. This bit is always set to 0.
21
Reserved
1
Reserved. This bit is always set to 1.
22
Reserved
0
Reserved. This bit is always set to 0.
23
PKI
0
When this bit is set to 1, it indicates that the period used to detect the peak value in the current
channel has ended. IPEAK[31:0] register contains the peak value and the phase where the peak has
been detected (see Table 26).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com