Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N4373C Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # N4373C
Description  67 GHz Single-Mode Lightwave Component Analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N4373C Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  N4373C Datasheet HTML 1Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 2Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 3Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 4Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 5Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 6Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 7Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 8Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
Integrated optical power meter
In applications where optical power dependence character-
ization is needed, the average power meter can be used to
set the exact average output power of the LCA transmitter
by connecting the LCA optical transmitter output, optionally
through an optical attenuator, to the LCA optical receiver in-
put. By adjusting the transmitter output power in the LCA
user interface or the optical attenuation, the desired trans-
mitter optical power can be set.
In cases where an unexpectedly low responsivity is mea-
sured from the device under test, it is very helpful to get a
fast indication of the CW optical power that is launched into
the LCA receiver. The cause might be a bad connection or a
bent fiber in the setup. For this reason too, a measurement
of the average optical power at the LCA receiver is very help-
ful for fast debugging of the test setup.
Selectable output power of the transmitter
Most PIN diodes and receiver optical subassemblies need to
be characterized at various average optical power levels. In
this case it is necessary to set the average input power of
the device under test to the desired value. The variable aver-
age optical output power of the LCA transmitter offers this
feature. Together with an external optical attenuator, this
range can be extended to all desired optical power levels.
Group delay and length measurements
In some applications it is necessary to determine the elec-
trical or optical length of a device. With the internal length
calibration of the electro-optical paths with reference to the
electrical and optical inputs or outputs, it is possible to de-
termine the length of the device under test
External optical source input
For applications where test of opto-electric devices need to
be done at a specific optical wavelength like proposed in
the IEEE 802.3ba standard, the N4373C-050 option offers an
external optical input to the internal modulator where an ex-
ternal tunable laser can be applied. As modulators are polar-
ization sensitive devices, this input is a PMF input to a PMF
optical switch to maintain the polarization at the internal
modulator and keep loss at a minimum.
This external optical source input is required when O/E
devices with integrated filter are to be characterized, or
generaly when the O/E converter needs to be tested at dif-
ferent wavelengths than the internal source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com