Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N4373C Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # N4373C
Description  67 GHz Single-Mode Lightwave Component Analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N4373C Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button N4373C Datasheet HTML 7Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 8Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 9Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 10Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 11Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 12Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 13Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 14Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
(O/E mode)
Specifications for optical to electrical measurements at 1550 nm
N4373C system with network analyzer
E8361C/A -014
Specifications are valid under the stated measurement conditions.
For external source optical input all specifications are typical [f2][f5][f6].
For wavelength:
(1550 ±20) nm
(option -101,102)
System perfor-
mance
0.05 GHz to
0.2 GHz
0.2 GHz to
0.7 GHz
0.7 GHz to
20 GHz
20 GHz to
50 GHz
50 GHz to
65 GHz
Relative frequency
response uncer-
tainty [f2]
DUT response
≥ -15 dB(A/W)[f1]
±0.7 dBe typ.
±0.8 dBe
(±0.6 dBe [f7])
±0.9 dBe
(±0.7 dBe [f7])
±1.2 dBe
(±0.8 dBe [f7])
±1.9 dBe
(±1.3 dBe [f7])
≥ -25 dB(A/W)
(typical)
±0.8 dBe.
±0.7 dBe
±0.8 dBe
±0.9 dBe
±1.4 dBe
≥ -35 dB(A/W)
(typical)
±0.8 dBe.
±0.7 dBe
±0.8 dBe
±1.3 dBe
±1.7 dBe
Absolute
frequency response
uncertainty f2]
DUT response
≥ -25 dB(A/W) [f1]
(±1.1 dBe [f7] )
±1.9 dBe
(±1.1 dBe [f7])
±1.9 dBe
(±1.1 dBe [f7])
±2.0 dBe
(±1.2 dBe [f7])
±2.8 dBe
(±1.6 dBe [f7])
Frequency re-
sponse repeatabil-
ity (typ) f2]
DUT response
≥ -15 dB(A/W)[f1]
±0.02 dBe
±0.02 dBe
±0.02 dBe
±0.3 dBe
±0.5 dBe
≥ -25 dB(A/W)
±0.02 dBe
±0.02 dBe
±0.02 dBe
±0.5 dBe
±0.7 dBe
≥ -35 dB(A/W))
±0.02 dBe
±0.02 dBe
±0.06 dBe
±0.5 dBe
±0.8 dBe
Minimum measurable frequency
response (noise floor ) [f2] [f3][f8]
-60 dB(A/W)
-60 dB(A/W)
-60 dB(A/W)
-60 dB(A/W)
-55 dB(A/W)
Phase uncertainty
(typ.) [f2,f4]
DUT response
≥-15 dB(A/W) [f1]
±3.5°
±3.0°
±2.4°
±3.2°
±5.0°
≥-25 dB(A/W)
±5.5°
±3.5°
±2.4°
±5.0°
±7.0°
Group delay uncertainty
Derived from phase uncertainty, see section
“Group delay uncertainty”.
Example: ±2.0° → ±8 ps (1 GHz aperture)
[f1]
For DUT response max. -10 dB(A/W).
[f2]
For +5 dBm average output power from LCA optical output..
[f3]
IFBW = 10 Hz.
[f4]
Except phase wrap aliasing (example: a DUT group delay of 5 ns (1 m cable length) requires a frequency step size of ≤0.2 GHz to avoid phase wraps). Excluding a
constant group delay offset of <±0.3 ns typ. (cable length uncertainty <±0.06 m). A constant group delay offset leads to a phase offset∆φ = 360° × ∆GD × fmod.(in deg).
[f5]
After CW responsivity and user calibration with external source.
[f6]
Requires option -101 or -102.
[f7]
Typical with internal source.
[f8]
Average value over frequency range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com