Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N4373C Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # N4373C
Description  67 GHz Single-Mode Lightwave Component Analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N4373C Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  N4373C Datasheet HTML 1Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 2Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 3Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 4Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 5Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 6Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 7Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 8Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
Definitions
Generally, all specifications are valid at the stated operat-
ing and measurement conditions and settings, with uninter-
rupted line voltage.
Specifications (guaranteed)
Describes warranted product performance that is valid under
the specified conditions.
Specifications include guard bands to account for the ex-
pected statistical performance distribution, measurement
uncertainties changes in performance due to environmental
changes and aging of components.
Typical values (characteristics)
Characteristics describe the product performance that is
usually met but not guaranteed. Typical values are based on
data from a representative set of instruments.
General characteristics
Give additional information for using the instrument. These
are general descriptive terms that do not imply a level of
performance.
Explanation of terms
Responsivity
For electro-optical devices (e.g. modulators ) this describes
the ratio of the optical modulated output signal amplitude
compared to the RF input amplitude of the device.
For opto-electrical devices (e.g. photodiodes) this describes
the ratio of the RF amplitude at the device output to the am-
plitude of the modulated optical signal input.
Relative frequency response uncertainty
Describes the maximum deviation of the shape of a mea-
sured trace from the (unknown) real trace. This specification
has strong influence on the accuracy of the 3-dB cut-off fre-
quency determined for the device under test.
Absolute frequency response uncertainty
Describes the maximum difference between any amplitude
point of the measured trace and the (unknown) real value.
This specification is useful to determine the absolute re-
sponsivity of the device versus modulation frequency.
Frequency response repeatability
Describes the deviation of repeated measurement without
changing any parameter or connection relative to the aver-
age of this measurements.
Minimum measurable frequency response
Describes the average measured responsivity when no mod-
ulation signal is present at the device under test. This repre-
sents the noise floor of the measurement system.
LCA electrical port B
LCA optical input
LCA optical output
LCA electrical port A
Definition of LCA input and output names



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com