Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N4373C Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # N4373C
Description  67 GHz Single-Mode Lightwave Component Analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N4373C Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  N4373C Datasheet HTML 1Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 2Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 3Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 4Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 5Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 6Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 7Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 8Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Agilent N4373C Applications
In digital photonic transmission systems, the performance
is ultimately determined by Bit Error Ratio Test (BERT). As
this parameter describes the performance of the whole sys-
tem, it is necessary to design and qualify subcomponents
like modulators and PIN detectors, which are analog by na-
ture, with different parameters that reflect their individual
performance.
These components significantly influence the overall perfor-
mance of the transmission system with the following pa-
rameters:
3dB bandwidth of the electro-optical transmission.
Relative frequency response, quantifying the electro-
optical shape of the conversion.
Absolute frequency response, relating to the conver-
sion efficiency of signals from the input to the output,
or indicating the gain of a receiver.
Electrical reflection at the RF port.
Group delay of the electro-optical transfer function.
Only a careful design of these electro-optical components
over a wide modulation signal bandwidth guarantees suc-
cessful operation in the transmission system.
Electro-optical components
The frequency response of detector diodes, modulators and
directly modulated lasers typically depends on various pa-
rameters, like bias voltages, optical input power, operating
current and ambient temperature. To determine the optimum
operating point of these devices, an LCA helps by making
a fast characterization of the electro-optic transfer function
while optimizing these operating conditions.
In manufacturing it is important to be able to monitor the
processes in regular time slots to keep up the throughput
and yield. In this case the LCA is the tool of choice to moni-
tor transmission characteristic and absolute responsivity of
the manufactured device.
Electrical components
Electrical components such as amplifiers, filters and trans-
mission lines are used in modern transmission systems and
require characterization to ensure optimal performance.
Typical measurements are bandwidth, insertion loss or gain,
impedance match and group delay.
Agilent N4373C Features
Turnkey solution
In today’s highly competitive environment, short time-to-
market with high quality is essential for new products. In-
stead of developing a home-grown measurement solution,
which takes a lot of time and is limited in transferability and
support, a fully specified and supported solution helps to fo-
cus resources on faster development and on optimizing the
manufacturing process.
In the N4373C all optical and electrical components are
carefully selected and matched to each other to minimize
noise and ripple in the measurement traces. Together with
the temperature stabilized environment of the core com-
ponents, this improves the repeatability and the accuracy
of the overall system. Extended factory calibration data at
various optical power levels ensures accurate and reliable
measurements that can only be achieved with an integrated
solution like the N4373C.
Easy calibration
An LCA essentially measures the conversion relation be-
tween optical and electrical signals. This is why user cali-
bration of such systems can evolve into a time consuming
task. With the new calibration process implemented in the
N4373C, the tasks that have to be done by the user are re-
duced to one pure electrical calibration. The calibration with
an electrical calibration module is automated and needs only
minimal manual interaction.
Built-in performance verification
Sometimes it is necessary to make a quick verification of the
validity of the calibration and the performance of the system.
The N4373C’s unique calibration process allows the user to
perform a self-test without external reference devices. This
gives full confidence that the system performance is within
the user’s required uncertainty bands.
State-of-the-art remote control
Testing the frequency response of electro-optical compo-
nents under a wide range of parameters, which is often
necessary in qualification cycles, is very time consuming.
To support the user in minimizing the effort for perform-
ing this huge number of tests, all functions of the LCA can
be controlled remotely via LAN over the state-of-the-art
Microsoft .NET or COM interface. This interface is identical
for all LCA of the N437xB/C series.
Based on programming examples for VBA with Excel, Agi-
lent VEE and C++, it is very easy for every user to build ap-
plications for their requirements.
These examples cover applications like integration of com-
plete LCA measurement sequences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com