Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N4373C Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # N4373C
Description  67 GHz Single-Mode Lightwave Component Analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N4373C Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button N4373C Datasheet HTML 3Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 4Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 5Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 6Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 7Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 8Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 9Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 10Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Transmitter and Receiver Specifications
Optical Test set
Option -302, -392
Operation frequency range
10 MHz to 67 GHz
Connector type
optical input
SMF angled with Agilent versatile connector interface
optical output
optical source input (rear)
PMF angled, with Agilent versatile connector interface,
polarization orientation aligned with connector key
RF
1.85 mm male
LCA optical input
Operating input wavelength range
1290 nm to 1610 nm [f4]
Maximum linear average input power [f1]
Optical input 1:
+4 dBm @ 1310 nm
+5 dBm @ 1550 nm
Optical input 2:
+14 dBm @ 1310 nm
+15 dBm @ 1550 nm
Maximum safe average input power
Optical input 1:
+7 dBm
Optical input 2:
+17 dBm
Optical return loss (typ.) [f1]
> 25 dBo
Average power measurement range[f1]
Optical input 1:
-25 dBm to +5 dBm on optical input 1
Optical input 2:
-15 dBm to +15 dBm on optical input 2
Average power measurement
uncertainty (typ.) [f1]
±0.5 dBo
LCA optical output (internal source)
Optical modulation index (OMI) (typ.)
> 5 % @ -8 dBm RF power @ 1 GHz modulation frequency
Output wavelength
(option -100, 102)
(option -101, 102)
(1310 ± 10) nm
(1550 ± 20) nm
Average output power range
-1 dBm to +5 dBm @ 1550 nm
-2 dBm to +4 dBm @ 1310 nm
Average output power uncertainty (typ.)[f2]
±0.5 dBo
Average output power stability,
15 minutes (typ.)
±0.5 dBo
External optical source input (-050)
Required optical input power [f3]
+8 to + 15 dBm
Optical input power damage level
+20 dBm
Typical loss at quadrature bias point
9 dB
Operating input wavelength range
1290 nm to 1610 nm [f4]
LCA RF test port input
Maximum safe input level at port A or B
+15 dBm RF, 7V DC
[f1] Wavelength within range as specified for LCA optical output.
[f2] After modulator optimization.
[f3] Required source characteristics: SMSR > 35dB, linewidth < 10MHz, power stability < 0.1dB pp, PER > 20dB, unmodulated, single mode.
[f4] Excluding water absorption wavelength.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com