Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N4373C Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # N4373C
Description  67 GHz Single-Mode Lightwave Component Analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N4373C Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button N4373C Datasheet HTML 2Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 3Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 4Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 5Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 6Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 7Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 8Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 9Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Measurement capabilities
3dB cut-off frequency (S21),
Responsivity (S21),
Electrical reflection (S11 or S22),
Group Delay vs. frequency,
Insertion Loss (IL),
Transmission bandwidth,
all electrical S-parameter measurements.
Target test devices
Transmitter (E/O)
Receiver (O/E)
PIN diodes
Avalanche photodiodes (APD)
Receiver optical subassemblies (ROSA)
Optical (O/O)
Passive optical components
Optical fibers and filters
Optical transmission systems
Agilent N4373C Specifications
Measurement conditions
Network analyzer set to -8 dBm electrical output
power
Modulation frequency range from 10 MHz to 65 GHz
Number of averages: 1
100 Hz IFBW (“Reduce IF bandwidth at low frequency”
enabled) with modulation frequency step size 10 MHz
and measurement points on a 10 MHz raster (if not
differently stated).
Network analyzer set to “stepped sweep” – sweep
moves in discrete steps”
Port 2 of network analyzer configured in reverse
coupler configuration (“RCVB B in” to “CPLR THRU”,
“SOURCE OUT” to “CPLR ARM”)
After full two-port electrical calibration using an Elec-
tronic Calibration Module, Agilent N4694A, at constant
temperature (±1° C).
Modulation-bias optimization set to “every sweep”
Using the supplied flexible test port cables 1.85mm f m
(Part Number N4697-60200).
Measurement frequency grid equals electrical calibra-
tion grid.
Tested from Port 1 to Port 2.
DUT signal delay ≤ 0.1/IF-BW.
Specified temperature range: +20° C to +26° C.
After warm-up time of 90 minutes.
Using high quality electrical and optical connectors in
perfect condition.
Using internal laser source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com