Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N4373C Datasheet(PDF) 15 Page - Agilent(Hewlett-Packard)

Part # N4373C
Description  67 GHz Single-Mode Lightwave Component Analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N4373C Datasheet(HTML) 15 Page - Agilent(Hewlett-Packard)

Back Button N4373C Datasheet HTML 10Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 11Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 12Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 13Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 14Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 15Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 16Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 17Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 18Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15
General Characteristics
Assembled dimensions: (H x W x D)
41.3 cm x 43.8 cm x 47.3 cm,
(16.3 in x 17.3 in x 18.7 in)
Weight
Product net weight:
38 kg (83.6 lbs)
Packaged product:
58 kg (127.6 lbs)
Power Requirements
100 to 240 V~, 50 to 60 Hz
2 power cables
E8361C-014
max. 350 VA
Optical test set:
max. 40 VA
Network-analyzer
Option 302
E8361C-014
Storage temperature range
-40° C to +70° C
Operating temperature range
+5° C to +35° C
Humidity
15 % to 80 % relative humidity, non-condensing
Altitude (operating)
0 ... 2000 m
Recommended re-calibration period
1 year
Shipping contents
1x Network-analyzer E8361C-014
1x N4373C optical test set
2x N4697-60200 f-m flexible test port MW cable
2x 85058-60121 test port adapter
1x N5520B-FG 1.85 mm (f)-(f), adapter DC – 67GHz
3x 81000NI optical adaptor
1x 8121-1242 USB cable
1x 1150-7896 Keyboard
1x 1150-7799 Mouse
1x E5525-10285 UK 6 report
1x 4373B-90A01 Getting started
1x 4373B-90CD1 Support CD
2x Local power cord
1x RoHS addendum for Photonic T&M Accesoires
1x RoHS addendum for Photonic T&M products
Additional, option dependent shipping contents:
-021 straight connector:
2x N4373-87907 0.5m FC/APC - FC/PC patch cord
1x 1005-0256 FC/FC feedthrougth adapter
-022 angled connector:
2x N4373-87906 0.5m FC/APC - FC/APC patch cord
1x 1005-1027 FC adaptor for angled-PC
-050 external optical source input
1x PMF patchcord 1.0m FC/APC narrow key
1x 81000NI optical adaptor FC
LCA connector types at optical testset
LCA electrical input
1.85 mm (f)
LCA electrical output
1.85 mm (m)
LCA optical input 1
9um single-mode angled [1],
with Agilent universal adapter
LCA optical input 2
9um single-mode angled [1],
with Agilent universal adapter
LCA optical output
9um single-mode angled[1], with
Agilent universal adapter
LCA external source input 9um polarization maintaining
(Option -050 only)
single-mode angled, with
Agilent universal adapter
[1] The optical test set always has angled connectors.
Depending on the selected option (-021 straight, -022 angled)
the appropriate jumper cable will be delivered.
This jumper cable must always be used in front to the optical
test set to protect the connectors at the optical test set
Laser Safety Information
All laser sources listed above are classified as Class 1M
according to IEC 60825 1 (2001).
All laser sources comply with 21 CFR 1040.10 except for
deviations pursuant to Laser Notice No. 50,
dated 2001-July-26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com