Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N4373C Datasheet(PDF) 17 Page - Agilent(Hewlett-Packard)

Part # N4373C
Description  67 GHz Single-Mode Lightwave Component Analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N4373C Datasheet(HTML) 17 Page - Agilent(Hewlett-Packard)

Back Button N4373C Datasheet HTML 10Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 11Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 12Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 13Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 14Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 15Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 16Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 17Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 18Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
Ordering informations
The N4373C consists of an optical test set and an electrical network analyzer which are mechanically connected.
To protect your network analyzer investment, Agilent offers the integration of an already owned PNA with the optical test
set as listed below.
All systems have 1 year warranty.
N4373C LCA ordering options
Network-analyzer options
N4373C - 302
67 GHz, 2 port PNA (E8361C-014)
Network-analyzer integration options
N4373C - 392
Integration of customer’s 67 GHz, 2 port PNA
(E8361A/C-014, 010)
all other NWA and options call factory
Optical wavelength options
N4373C-100
1310nm Single Wavelength Source
N4373C-101
1550nm Single Wavelength Source
N4373C-102
1310 & 1550 nm Dual Wavelength Source
Configuration independent options
N4373C-010
Time Domain Operation for Networkanalyzer
N4373C-050
Testset with external optical source Input
N4373C-021
Straight Fiber Interface single mode
N4373C-022
Angled Fiber Interface single mode
Service and Repair
R1280A
1 year Return-to-Agilent warranty extended to 3 or 5 years
R1282A
Calibration up front support plan 3 or 5 year coverage
Required accessories ( to be ordered separately)
N4694A
2 port MW Electrical Calibration Module
( -00F recommended)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com