Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N4373C Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # N4373C
Description  67 GHz Single-Mode Lightwave Component Analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N4373C Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button N4373C Datasheet HTML 9Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 10Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 11Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 12Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 13Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 14Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 15Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 16Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 17Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
(O/O mode)
Specifications for optical to optical measurements at 1550 nm
N4373C system with network analyzer
E8361C/A -014
Specifications are valid under the stated measurement conditions.
At optical input 1 (“+7 dBm max”). At optical input 2 (“+17 dBm max”), specifications are typically the same for 10 dB
higher incident average and modulated optical power.
For external source optical input all specifications are typical [f2][f5][f6]
For wavelength:
(1550 ±20) nm
(option -101,102)
System performance
0.05 GHz to
0.2 GHz
0.2 GHz to
0.7 GHz
0.7 GHz to
20 GHz
20 GHz to
50 GHz
50 GHz to
65 GHz
Relative
frequency response
uncertainty f2]
DUT response
≥ -3 dBe
( ≥-1.5 dBo) [f4]
±0.3 dBe typ.
(±0.15 dBo)
±0.3 dBe
(±0.15 dBo)
±0.3 dBe
(±0.15 dBo)
±0.4 dBe
(±0.2 dBo)
±0.6 dBe
(±0.3 dBo)
≥ -13 dBe
( ≥-6.5 dBo)
(typical)
±0.2 dBe
(±0.1 dBo).
±0.2 dBe
(±0.1 dBo)
±0.2 dBe
(±0.1 dBo)
±0.6 dBe
(±0.3 dBo)
±1.0 dBe
(±0.5 dBo)
≥ -23 dBe
( ≥-11.5 dBo)
(typical)
±0.2 dBe
(±0.1 dBo).
±0.2 dBe
(±0.1 dBo)
±0.3 dBe
(±0.15 dBo)
±0.7 dBe
(±0.35 dBo)
±1.3 dBe
(±0.65 dBo)
Absolute
frequency response
uncertainty f2]
DUT response
≥ -3 dBe
(≥-1.5 dBo) [f4]
±0.4 dBe typ.
(±0.2 dBo)
±0.4 dBe
(±0.2 dBo)
±0.4 dBe
(±0.2 dBo)
±0.7 dBe
(±0.35 dBo)
±0.9 dBe
(±0.45 dBe)
Frequency response
repeatability (typ.) f2]
DUT response
≥ -3 dBe
( ≥-1.5 dBo) [f4]
±0.02 dBe
±0.02 dBe
±0.02 dBe
±0.1 dBe
±0.2 dBe
≥ -13 dBe
( ≥-6.5 dBo)
±0.02 dBe
±0.02 dBe
±0.02 dBe
±0.3 dBe
±0.5 dBe
≥ -23 dBe
( ≥-11.5 dBo)
±0.02 dBe
±0.02 dBe
±0.1 dBe
±1.0 dBe
±2.0 dBe
Minimum measurable frequency
response (noise floor ) [f1] [f2][f7]
-55 dBe typ.
(-27.5 dBo)
-42 dBe
(-21 dBo)
-42 dBe
(-21 dBo)
-42 dBe
(-21 dBo)
-36 dBe
(-18 dBo )
Phase uncertainty
(typ.) [f2,f3]
DUT response
≥ -3 dBe [f4]
(≥-1.5 dBo)
±3.5°
±3.0°
±2.2°
±2.6°
±3.0°
≥ -13 dBe
(≥-6.5 dBo)
±5.5°
±3.5°
±2.2°
±3.0°
±3.5°
Group delay uncertainty
Derived from phase uncertainty, see section
“Group delay uncertainty”.
Example: ±2.0° → ±8 ps (1 GHz aperture)
[f1]
IFBW = 10 Hz.
[f2]
For +5 dBm average output power from LCA optical output.
[f3]
Except phase wrap aliasing (example: a DUT group delay of 5 ns (1 m cable length) requires a frequency step size of ≤ 0.2 GHz to avoid phase wraps).
[f4]
For DUT response max. +6 dBe (+3 dBo ) gain.
[f5]
After CW responsivity and user calibration with external source.
[f6]
Requires option -100 or -102.
[f7]
Average value over frequency range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com