Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N4373C Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # N4373C
Description  67 GHz Single-Mode Lightwave Component Analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N4373C Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  N4373C Datasheet HTML 1Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 2Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 3Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 4Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 5Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 6Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 7Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 8Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
General Information
Agilent’s N4373C Lightwave Component Analyzer (LCA)
offers a modulation bandwidth of 67 GHz which makes it
the ideal choice to develop and characterize electro-optical
components, for the upcoming 40G/10GbE as defined in
IEEE802.3ba.
Accuracy
For these modern optical transmission systems with ad-
vanced modulation schemes it is key for the electro-optical
components to have very flat S21 transfer function in ampli-
tude and delay. This performance can be achieved only with
electro-optical S-parameter test as provided by the N4373C
LCA.
In addition fast, accurate, repeatable and traceable charac-
terization of these electro-optical components, like lasers,
modulators and detectors is required, to guarantee the per-
formance with respect to modulation bandwidth, jitter, gain,
and distortion.
By optimizing the electrical and the optical design of the
N4373C for lowest noise and ripple, the accuracy has been
improved by better than a factor of 2, compared to its pre-
decessor, the 86030A 50GHz LCA. This increased accuracy
improves the yield from tests performed with the N4373C by
narrowing margins needed to pass the tested devices.
This advanced design together with temperature-stabilized
transmitter and receiver ensures repeatable measurements
over hours without recalibration
Turn-key solution
The fully integrated “turn-key” N4373C helps reduce time
to market, compared to the time-consuming development of
a self-made setup. In addition you get a fully specified easy
transferable and reliable test instrument. With guaranteed
specifications Agilent takes the responsibility to provide
you with accurate and traceable test results that can only
be achieved in a turn key solution.
High productivity
The N4373C achieves fast measurements by including the
E8361C Performance Network Analyzer. A unique new cali-
bration concept significantly reduces setup time to a maxi-
mum of several minutes, depending on the selected mea-
surement parameters. This results in increased productivity
in R&D or on the manufacturing floor.
Using the advanced measurement capabilities of the net-
work analyzer, all S-parameter related characteristics of
the device under test, like responsivity and 3dB-cutoff fre-
quency, can be qualified with the new N4373C Lightwave
Component Analyzer from 10 MHz to 67 GHz.
Network analyzer
The N4373C LCA is based on the new E8361C network ana-
lyzer with an identical and well known user interface across
all Agilent network analyzers.
Key benefits
High absolute and relative accuracy measurements
improve the yield of development and production pro-
cesses. With the excellent accuracy and reproducibil-
ity, measurement results can be compared among test
locations world wide.
High confidence and fast time-to-market with a NIST-
traceable turnkey solution.
Significantly increased productivity using the fast and
easy measurement setup with an unique new calibra-
tion process leads to lower cost of test.
External optical source input option to test at custom-
er selected wavelength.
Common PNA and LCA user interface across all
N437xB/C LCA series.
Identical LCA software and remote control across the
N437xB family simplifies integration.
Relative frequency response uncertainty:
± 0.8 dB @ 50 GHz (typ)
± 1.3 dB @ 65 GHz (typ)
Absolute frequency response uncertainty:
± 1.2 dB @ 50 GHz (typ)
± 1.8 dB @ 65 GHz (typ)
Noise floor:
-60(55) dB(A/W) for O/E measurements @ 50(65) GHz
-64(59) dB(W/A) for E/O measurements @ 50(65) GHz
Typical phase uncertainty:
±2.3°
Transmitter wavelength:
1550nm ± 20 nm
1310nm ± 10 nm
1290 - 1610 nm with external source input
Built-in optical power meter
For fast transmitter power verification
Powerful remote control:
State of the art programming interface based on Microsoft
.NET or COM.
Warranty:
1 year warranty is standard for the N4373C Lightwave
Component Analyzer.
Extension to 3 or 5 years available on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com