Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N4373C Datasheet(PDF) 14 Page - Agilent(Hewlett-Packard)

Part # N4373C
Description  67 GHz Single-Mode Lightwave Component Analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N4373C Datasheet(HTML) 14 Page - Agilent(Hewlett-Packard)

Back Button N4373C Datasheet HTML 10Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 11Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 12Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 13Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 14Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 15Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 16Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 17Page - Agilent(Hewlett-Packard) N4373C Datasheet HTML 18Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
Group delay uncertainty
For more details see specifications of the E8361C.
Group delay
Group delay is computed by measuring the phase change within a specified
aperture (for aperture see below:
Phase change [deg]
GD [s] =
-----------------------------------------
(1)
Aperture [Hz] * 360
Group delay uncertainty
Is calculated from the specified phase uncertainty and from the aperture (for aperture see below):
Phase uncertainty [±deg]
GD [±s] =
--------------------------------------- *sqrt(2)
(2)
Aperture [Hz] * 360
Aperture
Determined by the frequency span and the number of points per sweep:
Aperture:
(frequency span) / (number of points–1)
GD Range
The maximum group delay is limited to measuring no more than ±180 degrees of
phase change within the selected aperture (see Equation 1).
Specifications for electrical-electrical measurements (E/E mode)
All specifications of the E8361C-014 Network Analyzer apply.
Please see the corresponding Network Analyzer data sheet and User’s Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com