Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129AT Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF2129AT
Description  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129AT Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF2129AT Datasheet HTML 13Page - NXP Semiconductors PCF2129AT Datasheet HTML 14Page - NXP Semiconductors PCF2129AT Datasheet HTML 15Page - NXP Semiconductors PCF2129AT Datasheet HTML 16Page - NXP Semiconductors PCF2129AT Datasheet HTML 17Page - NXP Semiconductors PCF2129AT Datasheet HTML 18Page - NXP Semiconductors PCF2129AT Datasheet HTML 19Page - NXP Semiconductors PCF2129AT Datasheet HTML 20Page - NXP Semiconductors PCF2129AT Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
17 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
The internal power supply (available on pin BBS) is equal to VDD or VBAT. It has to be
assured that there are decoupling capacitors on the pins VDD, VBAT, and BBS.
8.5.2 Battery backup supply
The VBBS voltage on the output pin BBS is equal to the internal power supply and depends
on the selected battery switch-over function mode:
Fig 6.
Battery switch-over circuit, simplified block diagram
001aag061
VCC
Vth(sw)bat
VDD
VBBS
(internal
power supply)
VDD
VDD(int)
VDD(int)
VDD(int)
VBAT
LOGIC
comparators
logic
switches
VCC
Vth(sw)bat
VBAT
Table 14.
Output pin BBS
Battery switch-over function mode
Conditions
VBBS equals
standard
VDD > VBAT OR VDD > Vth(sw)bat
VDD
VDD < VBAT AND VDD < Vth(sw)bat
VBAT
direct switching
VDD > VBAT
VDD
VDD < VBAT
VBAT
disabled
only VDD available,
VBAT must be put to ground
VDD
Fig 7.
Typical driving capability of VBBS: (VBBS − VDD) with respect to the output load
current IBBS
IBBS (mA)
0
8
6
4
2
001aaj431
VDD = 3 V
VDD = 2 V
−400
−600
−200
0
VBBS − VDD
(mV)
−800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com